Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 372 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 368Page - Renesas Technology Corp H8/3003 Datasheet HTML 369Page - Renesas Technology Corp H8/3003 Datasheet HTML 370Page - Renesas Technology Corp H8/3003 Datasheet HTML 371Page - Renesas Technology Corp H8/3003 Datasheet HTML 372Page - Renesas Technology Corp H8/3003 Datasheet HTML 373Page - Renesas Technology Corp H8/3003 Datasheet HTML 374Page - Renesas Technology Corp H8/3003 Datasheet HTML 375Page - Renesas Technology Corp H8/3003 Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 715 page
background image
•
Complementary PWM mode
The buffer register value is transferred to the general register when TCNT3 and TCNT4
change counting direction. This occurs at the following two times:
— When TCNT3 matches GRA3
— When TCNT4 underflows
•
Reset-synchronized PWM mode
The buffer register value is transferred to the general register at compare match A3.
Sample Buffering Setup Procedure: Figure 10-48 shows a sample buffering setup procedure.
Figure 10-48 Buffering Setup Procedure (Example)
Buffering
Select general register functions
Set buffer bits
Start counters
Buffered operation
11.
2.
3.
2
3
Set TIOR to select the output compare or input
capture function of the general registers.
Set bits BFA3, BFA4, BFB3, and BFB4 in TFCR
to select buffering of the required general registers.
Set the STR bits to 1 in TSTR to start the timer
counters.
354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com