Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 468 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 468 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 464Page - Renesas Technology Corp H8/3003 Datasheet HTML 465Page - Renesas Technology Corp H8/3003 Datasheet HTML 466Page - Renesas Technology Corp H8/3003 Datasheet HTML 467Page - Renesas Technology Corp H8/3003 Datasheet HTML 468Page - Renesas Technology Corp H8/3003 Datasheet HTML 469Page - Renesas Technology Corp H8/3003 Datasheet HTML 470Page - Renesas Technology Corp H8/3003 Datasheet HTML 471Page - Renesas Technology Corp H8/3003 Datasheet HTML 472Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 715 page
background image
13.3 Operation
13.3.1 Overview
The SCI has an asynchronous mode in which characters are synchronized individually, and a
synchronous mode in which communication is synchronized with clock pulses. Serial
communication is possible in either mode. Asynchronous or synchronous mode and the
communication format are selected in SMR, as shown in table 13-8. The SCI clock source is
selected by the C/
A bit in SMR and the CKE1 and CKE0 bits in SCR, as shown in table 13-9.
Asynchronous Mode
•
Data length is selectable: 7 or 8 bits.
•
Parity and multiprocessor bits are selectable. So is the stop bit length (1 or 2 bits). These
selections determine the communication format and character length.
•
In receiving, it is possible to detect framing errors, parity errors, overrun errors, and the break
state.
•
An internal or external clock can be selected as the SCI clock source.
— When an internal clock is selected, the SCI operates using the on-chip baud rate generator,
and can output a serial clock signal with a frequency matching the bit rate.
— When an external clock is selected, the external clock input must have a frequency
16 times the bit rate. (The on-chip baud rate generator is not used.)
Synchronous Mode
•
The communication format has a fixed 8-bit data length.
•
In receiving, it is possible to detect overrun errors.
•
An internal or external clock can be selected as the SCI clock source.
— When an internal clock is selected, the SCI operates using the on-chip baud rate generator,
and outputs a serial clock signal to external devices.
— When an external clock is selected, the SCI operates on the input serial clock. The on-chip
baud rate generator is not used.
450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com