Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 473 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 473 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 469Page - Renesas Technology Corp H8/3003 Datasheet HTML 470Page - Renesas Technology Corp H8/3003 Datasheet HTML 471Page - Renesas Technology Corp H8/3003 Datasheet HTML 472Page - Renesas Technology Corp H8/3003 Datasheet HTML 473Page - Renesas Technology Corp H8/3003 Datasheet HTML 474Page - Renesas Technology Corp H8/3003 Datasheet HTML 475Page - Renesas Technology Corp H8/3003 Datasheet HTML 476Page - Renesas Technology Corp H8/3003 Datasheet HTML 477Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 715 page
background image
Figure 13-4 Sample Flowchart for SCI Initialization
Clear TE and RE bits
to 0 in SCR
Transmitting or receiving
No
Yes
1.
2.
3.
4.
Select the communication format in SMR.
Write the value corresponding to the bit rate in BRR.
This step is not necessary when an external clock is used.
Select communication
format in SMR
1
Set value in BRR
2
3
Set TE or RE bit to 1 in SCR
Set RIE, TIE, TEIE, and
MPIE bits as necessary
4
1 bit interval
elapsed?
Wait
Wait for at least the interval required to transmit or receive
1 bit, then set the TE or RE bit to 1 in SCR. Set the RIE,
TIE, TEIE, and MPIE bits as necessary. Setting the TE
or RE bit enables the SCI to use the TxD or RxD pin.
Start of initialization
Set CKE1 and CKE0 bits
in SCR (leaving TE and
RE bits cleared to 0)
Select the clock source in SCR. Clear the RIE, TIE, TEIE,
MPIE, TE, and RE bits to 0. If clock output is selected in
asynchronous mode, clock output starts immediately after
the setting is made in SCR.
455



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com