Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 577 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 577 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 573Page - Renesas Technology Corp H8/3003 Datasheet HTML 574Page - Renesas Technology Corp H8/3003 Datasheet HTML 575Page - Renesas Technology Corp H8/3003 Datasheet HTML 576Page - Renesas Technology Corp H8/3003 Datasheet HTML 577Page - Renesas Technology Corp H8/3003 Datasheet HTML 578Page - Renesas Technology Corp H8/3003 Datasheet HTML 579Page - Renesas Technology Corp H8/3003 Datasheet HTML 580Page - Renesas Technology Corp H8/3003 Datasheet HTML 581Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 577 / 715 page
background image
Table A-1 Instruction Set (cont)
Condition Code
Mnemonic
Operation
I
H
N
Z
V
C
DIVXU. W Rs, ERd
W
ERd32
÷ Rs16 →ERd32
2
— — 67
——
22
(Ed: remainder,
Rd: quotient)
(unsigned division)
DIVXS. B Rs, Rd
B
Rd16
÷ Rs8 → Rd16
4
— — 87
——
16
(RdH: remainder,
RdL: quotient)
(signed division)
DIVXS. W Rs, ERd
W
ERd32
÷ Rs16 → ERd32
4
— — 87
——
24
(Ed: remainder,
Rd: quotient)
(signed division)
CMP.B #xx:8, Rd
B
Rd8–#xx:8
2
—
¤¤¤¤¤
2
CMP.B Rs, Rd
B
Rd8–Rs8
2
—
¤¤¤¤¤
2
CMP.W #xx:16, Rd
W
Rd16–#xx:16
4
— 1
¤¤¤¤
4
CMP.W Rs, Rd
W
Rd16–Rs16
2
— 1
¤¤¤¤
2
CMP.L #xx:32, ERd
L
ERd32–#xx:32
6
— 2
¤¤¤¤
4
CMP.L ERs, ERd
L
ERd32–ERs32
2
— 2
¤¤¤¤
2
NEG.B Rd
B
0–Rd8
→ Rd8
2
—
¤¤¤¤¤
2
NEG.W Rd
W
0–Rd16
→ Rd16
2
—
¤¤¤¤¤
2
NEG.L ERd
L
0–ERd32
→ ERd32
2
—
¤¤¤¤¤
2
EXTU.W Rd
W
0
→ (<bits 15 to 8>
2
— —
0
¤
0—
2
of Rd16)
EXTU.L ERd
L
0
→ (<bits 31 to 16>
2
— —
0
¤
0—
2
of Rd32)
EXTS.W Rd
W
(<bit 7> of Rd16)
→
2— —
¤¤
0—
2
(<bits 15 to 8> of Rd16)
EXTS.L ERd
L
(<bit 15> of Rd32)
→
2— —
¤¤
0—
2
(<bits 31 to 16> of
ERd32)
Addressing Mode and
Instruction Length (bytes)
No. of
States *1
559



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com