Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 589 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 589 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 585Page - Renesas Technology Corp H8/3003 Datasheet HTML 586Page - Renesas Technology Corp H8/3003 Datasheet HTML 587Page - Renesas Technology Corp H8/3003 Datasheet HTML 588Page - Renesas Technology Corp H8/3003 Datasheet HTML 589Page - Renesas Technology Corp H8/3003 Datasheet HTML 590Page - Renesas Technology Corp H8/3003 Datasheet HTML 591Page - Renesas Technology Corp H8/3003 Datasheet HTML 592Page - Renesas Technology Corp H8/3003 Datasheet HTML 593Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 589 / 715 page
background image
A.3 Number of States Required for Execution
The tables in this section can be used to calculate the number of states required for instruction
execution by the H8/300H CPU. Table A-3 indicates the number of instruction fetch, data
read/write, and other cycles occurring in each instruction. Table A-2 indicates the number of states
required per cycle according to the bus size. The number of states required for execution of an
instruction can be calculated from these two tables as follows:
Number of states = I
× S
I + J × SJ + K × SK + L × SL + M × SM + N × SN
Examples of Calculation of Number of States Required for Execution
Examples: Advanced mode, stack located in external address space, on-chip supporting modules
accessed with 8-bit bus width, external devices accessed in three states with one wait state and
16-bit bus width.
BSET #0, @FFFFC7:8
From table A-3, I = L = 2 and J = K = M = N = 0
From table A-2, SI = 4 and SL = 3
Number of states = 2
× 4 + 2 × 3 = 14
JSR @@30
From table A-3, I = J = K = 2 and L = M = N = 0
From table A-2, SI = SJ = SK = 4
Number of states = 2
× 4 + 2 × 4 + 2 × 4 = 24
571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com