Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 603 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 603 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 599Page - Renesas Technology Corp H8/3003 Datasheet HTML 600Page - Renesas Technology Corp H8/3003 Datasheet HTML 601Page - Renesas Technology Corp H8/3003 Datasheet HTML 602Page - Renesas Technology Corp H8/3003 Datasheet HTML 603Page - Renesas Technology Corp H8/3003 Datasheet HTML 604Page - Renesas Technology Corp H8/3003 Datasheet HTML 605Page - Renesas Technology Corp H8/3003 Datasheet HTML 606Page - Renesas Technology Corp H8/3003 Datasheet HTML 607Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 603 / 715 page
background image
(Continued from preceding page)
Data
Address Register
Bus
(low)
Name
Width
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Module Name
H'A0
TPMR
8
————
G3NOV G2NOV G1NOV G0NOV
TPC
H'A1
TPCR
8
G3CMS1 G3CMS0 G2CMS1 G2CMS0 G1CMS1 G1CMS0 G0CMS1 G0CMS0
H'A2
NDERB
8
NDER15 NDER14 NDER13 NDER12 NDER11 NDER10 NDER9 NDER8
H'A3
NDERA
8
NDER7 NDER6 NDER5 NDER4 NDER3 NDER2 NDER1 NDER0
H'A4
NDRB*1
8
NDR15
NDR14
NDR13
NDR12
NDR11
NDR10
NDR9
NDR8
8
NDR15
NDR14
NDR13
NDR12
————
H'A5
NDRA*1
8
NDR7
NDR6
NDR5
NDR4
NDR3
NDR2
NDR1
NDR0
8
NDR7
NDR6
NDR5
NDR4
————
H'A6
NDRB*1
8
————————
8
————
NDR11
NDR10
NDR9
NDR8
H'A7
NDRA*1
8
————————
8
————
NDR3
NDR2
NDR1
NDR0
H'A8
TCSR*2
8
OVF
WT/
IT
TME
—
—
CKS2
CKS1
CKS0
WDT
H'A9
TCNT*2
8
H'AA
—
————————
H'AB
RSTCSR*3 8
WRST
RSTOE ——————
H'AC
RFSHCR
8
SRFMD PSRAME DRAME CAS/
WE M9/M8
PFSHE
—
RCYCE
H'AD
RTMCSR
8
CMF
CMIE
CKS2
CKS1
CKS0
—
—
—
H'AE
RTCNT
8
H'AF
RTCOR
8
H'B0
SMR
8
C/
A
CHR
PE
O/
E
STOP
MP
CKS1
CKS0
SCI channel 0
H'B1
BRR
8
H'B2
SCR
8
TIE
RIE
TE
RE
MPIE
TEIE
CKE1
CKE0
H'B3
TDR
8
H'B4
SSR
8
TDRE
RDRF
ORER
FER
PER
TEND
MPB
MPBT
H'B5
RDR
8
H'B6
—
————————
H'B7
—
————————
Notes: 1. The address depends on the output trigger setting.
2. For write access to TCSR and TCNT, see section 12.2.4, Notes on Register Access.
3. For write access to RSTCSR, see section 12.2.4, Notes on Register Access.
Legend
TPC:
Programmable timing pattern controller
WDT: Watchdog timer
SCI:
Serial communication interface
(Continued on next page)
Bit Names
Refresh
controller
585



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com