Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 678 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 678 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 674Page - Renesas Technology Corp H8/3003 Datasheet HTML 675Page - Renesas Technology Corp H8/3003 Datasheet HTML 676Page - Renesas Technology Corp H8/3003 Datasheet HTML 677Page - Renesas Technology Corp H8/3003 Datasheet HTML 678Page - Renesas Technology Corp H8/3003 Datasheet HTML 679Page - Renesas Technology Corp H8/3003 Datasheet HTML 680Page - Renesas Technology Corp H8/3003 Datasheet HTML 681Page - Renesas Technology Corp H8/3003 Datasheet HTML 682Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 678 / 715 page
background image
ADCSR—A/D Control/Status Register
H'E8
A/D
Bit
Initial value
Read/Write
7
ADF
0
R/(W)
6
ADIE
0
R/W
5
ADST
0
R/W
4
SCAN
0
R/W
3
CKS
0
R/W
0
CH0
0
R/W
2
CH2
0
R/W
1
CH1
0
R/W
*
Note:
Only 0 can be written, to clear flag.
*
Channel select 2 to 0
CH2
1
Single Mode
AN
AN
AN
AN
AN
AN
AN
CH1
0
1
0
1
Channel
Selection
CH0
0
1
0
1
0
1
0
1
0
0
1
2
3
4
5
6
AN 7
Scan Mode
AN
AN , AN
AN to AN
AN to AN
AN
AN , AN
AN to AN
0
0
0
0
4
4
4
AN to AN
4
1
5
2
3
6
7
Description
Group
Selection
A/D end flag
A/D interrupt enable
A/D start
Clock select
Scan mode
0
[Clearing condition]
Read ADF while ADF = 1, then write 0 in ADF
1
[Setting conditions]
Single mode:
Scan mode:
0
A/D end interrupt request is disabled
1
A/D end interrupt request is enabled
0
A/D conversion is stopped
1
Single mode:
Scan mode:
0
Single mode
1
Scan mode
0
Conversion time = 266 states (maximum)
1
Conversion time = 134 states (maximum)
A/D conversion ends
A/D conversion ends in all selected channels
A/D conversion starts; ADST is automatically cleared to 0 when
conversion ends
A/D conversion starts and continues, cycling among the selected
channels, until ADST is cleared to 0 by software, by a reset, or by a
transition to standby mode
660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com