Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 137Page - Renesas Technology Corp H8/3003 Datasheet HTML 138Page - Renesas Technology Corp H8/3003 Datasheet HTML 139Page - Renesas Technology Corp H8/3003 Datasheet HTML 140Page - Renesas Technology Corp H8/3003 Datasheet HTML 141Page - Renesas Technology Corp H8/3003 Datasheet HTML 142Page - Renesas Technology Corp H8/3003 Datasheet HTML 143Page - Renesas Technology Corp H8/3003 Datasheet HTML 144Page - Renesas Technology Corp H8/3003 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 715 page
background image
Pin Wait Mode 1: In all accesses to external three-state-access areas, the number of wait states
(TW) selected by bits WC1 and WC0 are inserted. If the WAIT pin is low at the fall of the system
clock (ø) in the last of these wait states, an additional wait state is inserted. If the
WAIT pin
remains low, wait states continue to be inserted until the
WAIT signal goes high.
Pin wait mode 1 is useful for inserting four or more wait states, or for inserting different numbers
of wait states for different external devices.
If the wait count is 0, this mode operates in the same way as pin wait mode 0.
Figure 6-13 shows the timing when the wait count is 1 (WC1 = 0, WC0 = 1) and one additional
wait state is inserted by
WAIT input.
Figure 6-13 Pin Wait Mode 1
Address bus
Data bus
AS
RD
HWR, LWR
T1
T2
TW
TW
T3
Write data
*
Read data
*
Read
access
Write
access
Note:
Arrows indicate time of sampling of the
pin.
*
WAIT
ø
pin
WAIT
Data bus
External address
Write data
Inserted by
wait count
Inserted by
signal
WAIT
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com