Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 143Page - Renesas Technology Corp H8/3003 Datasheet HTML 144Page - Renesas Technology Corp H8/3003 Datasheet HTML 145Page - Renesas Technology Corp H8/3003 Datasheet HTML 146Page - Renesas Technology Corp H8/3003 Datasheet HTML 147Page - Renesas Technology Corp H8/3003 Datasheet HTML 148Page - Renesas Technology Corp H8/3003 Datasheet HTML 149Page - Renesas Technology Corp H8/3003 Datasheet HTML 150Page - Renesas Technology Corp H8/3003 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 715 page
background image
6.3.7 Bus Arbiter Operation
The bus controller has a built-in bus arbiter that arbitrates between different bus masters. There are
four bus masters: the CPU, DMA controller (DMAC), refresh controller, and an external bus
master. When a bus master has the bus right it can carry out read, write, or refresh access. Each
bus master uses a bus request signal to request the bus right. At fixed times the bus arbiter
determines priority and uses a bus acknowledge signal to grant the bus to a bus master, which can
then operate using the bus.
The bus arbiter checks whether the bus request signal from a bus master is active or inactive, and
returns an acknowledge signal to the bus master if the bus request signal is active. When two or
more bus masters request the bus, the highest-priority bus master receives an acknowledge signal.
The bus master that receives an acknowledge signal can continue to use the bus until the
acknowledge signal is deactivated.
The bus master priority order is:
(High)
External bus master > refresh controller > DMAC > CPU
(Low)
The bus arbiter samples the bus request signals and determines priority at all times, but it does not
always grant the bus immediately, even when it receives a bus request from a bus master with
higher priority than the current bus master. Each bus master has certain times at which it can
release the bus to a higher-priority bus master.
CPU: The CPU is the lowest-priority bus master. If the DMAC, refresh controller, or an external
bus master requests the bus while the CPU has the bus right, the bus arbiter transfers the bus right
to the bus master that requested it. The bus right is transferred at the following times:
•
The bus right is transferred at the boundary of a bus cycle. If word data is accessed by two
consecutive byte accesses, however, the bus right is not transferred between the two byte
accesses.
•
If another bus master requests the bus while the CPU is performing internal operations, such
as executing a multiply or divide instruction, the bus right is transferred immediately. The
CPU continues its internal operations.
•
If another bus master requests the bus while the CPU is in sleep mode, the bus right is
transferred immediately.
129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com