Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 166Page - Renesas Technology Corp H8/3003 Datasheet HTML 167Page - Renesas Technology Corp H8/3003 Datasheet HTML 168Page - Renesas Technology Corp H8/3003 Datasheet HTML 169Page - Renesas Technology Corp H8/3003 Datasheet HTML 170Page - Renesas Technology Corp H8/3003 Datasheet HTML 171Page - Renesas Technology Corp H8/3003 Datasheet HTML 172Page - Renesas Technology Corp H8/3003 Datasheet HTML 173Page - Renesas Technology Corp H8/3003 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 715 page
background image
Operation in Power-Down State: The refresh controller operates in sleep mode. It does not
operate in hardware standby mode. In software standby mode RTCNT is initialized, but RFSHCR,
RTMCSR bits 5 to 3, and RTCOR retain their settings prior to the transition to software standby
mode.
Example 1: Connection to 2
WE 1-Mbit DRAM (1-Mbyte Mode): Figure 7-7 shows typical
interconnections to a 2
WE 1-Mbit DRAM, and the corresponding address map. Figure 7-8 shows
a setup procedure to be followed by a program for this example. After power-up the DRAM must
be refreshed to initialize its internal state. Initialization takes a certain length of time, which can be
measured by using an interrupt from another timer module, or by counting the number of times
RTMCSR bit 7 (CMF) is set. Note that no refresh cycle is executed for the first refresh request
after exit from the reset state or standby mode (the first time the CMF flag is set; see figure 7-3).
When using this example, check the DRAM device characteristics carefully and use a procedure
that fits them.
Figure 7-7 Interconnections and Address Map for 2
WE 1-Mbit DRAM (Example)
H8/3003
A
A
A
A
A
A
A
A
8
7
6
5
4
3
2
1
CS
RD
HWR
LWR
3
D
to D 0
15
A
A
A
A
A
A
A
A
7
6
5
4
3
2
1
0
RAS
CAS
UW
LW
OE
I/O
to I/O
15
0
H'60000
H'7FFFF
a. Interconnections (example)
DRAM area
Area 3 (1-Mbyte mode)
b. Address map
2
1-Mbit DRAM with
16-bit organization
WE
×
152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com