Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 172Page - Renesas Technology Corp H8/3003 Datasheet HTML 173Page - Renesas Technology Corp H8/3003 Datasheet HTML 174Page - Renesas Technology Corp H8/3003 Datasheet HTML 175Page - Renesas Technology Corp H8/3003 Datasheet HTML 176Page - Renesas Technology Corp H8/3003 Datasheet HTML 177Page - Renesas Technology Corp H8/3003 Datasheet HTML 178Page - Renesas Technology Corp H8/3003 Datasheet HTML 179Page - Renesas Technology Corp H8/3003 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 715 page
background image
Example 4: Connection to Two 4-Mbit DRAM Chips (16-Mbyte Mode): Figure 7-13 shows
an example of interconnections to two 2
CAS 4-Mbit DRAM chips, and the corresponding address
map. Up to four DRAM chips can be connected to area 3 by decoding upper address bits A19
and A20.
Figure 7-14 shows a setup procedure to be followed by a program for this example. The DRAM
in this example has 9-bit row addresses and 9-bit column addresses. Both chips must be refreshed
simultaneously, so the
RFSH pin must be used.
Figure 7-13 Interconnections and Address Map for Multiple 2
CAS 4-Mbit DRAM Chips
(Example)
H'600000
H'67FFFF
H'680000
H'6FFFFF
H'700000
H'7FFFFF
A to A
RAS
UCAS
LCAS
WE
OE
I/O
to I/O
15
0
80
No. 1
A to A
RAS
UCAS
LCAS
I/O
to I/O
15
0
80
No. 2
WE
OE
A
A to A
19
9
1
CS
HWR
LWR
RD
RFSH
3
D
to D
15
0
H8/3003
2
4-Mbit DRAM with 9-bit
row address, 9-bit column
address, and
16-bit organization
a. Interconnections (example)
b. Address map
No. 1
DRAM area
No. 2
DRAM area
Not used
Area 3 (16-Mbyte mode)
CAS
×
158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com