Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 279Page - Renesas Technology Corp H8/3003 Datasheet HTML 280Page - Renesas Technology Corp H8/3003 Datasheet HTML 281Page - Renesas Technology Corp H8/3003 Datasheet HTML 282Page - Renesas Technology Corp H8/3003 Datasheet HTML 283Page - Renesas Technology Corp H8/3003 Datasheet HTML 284Page - Renesas Technology Corp H8/3003 Datasheet HTML 285Page - Renesas Technology Corp H8/3003 Datasheet HTML 286Page - Renesas Technology Corp H8/3003 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 715 page
background image
Table 9-14 Port A Pin Functions (cont)
Pin
Pin Functions and Selection Method
PA4/TP4/TIOCA1
ITU channel 1 settings (bit PWM1 in TMDR and bits IOA2 to IOA0 in TIOR1),
bit NDER4 in NDERA, and bit PA4DDR in PADDR select the pin function as
follows
ITU channel
1 settings
1
in table below
2
in table below
PA4DDR
—
0
1
1
NDER4
—
—
0
1
Pin function
TIOCA1 output
PA4
PA4
TP4
input
output
output
TIOCA1 input*
Note: * TIOCA1 input when IOA2 = 1.
ITU channel
1 settings
2121
PWM1
0
1
IOA2
0
1
—
IOA1
0
0
1
—
—
IOA0
0
1
—
—
—
PA3/TP3/TIOCB0/
ITU channel 0 settings (bit PWM0 in TMDR and bits IOB2 to IOB0 in TIOR0),
TCLKD
bits TPSC2 to TPSC0 in timer control registers 4 to 0 (TCR4 to TCR0), bit
NDER3 in NDERA, and bit PA3DDR in PADDR select the pin function as
follows
ITU channel
0 settings
1
in table below
2
in table below
PA3DDR
—
0
1
1
NDER3
—
—
0
1
Pin function
TIOCB0 output
PA3
PA3
TP3
input
output
output
TIOCB0 input*1
TCLKD input*2
Notes: 1. TIOCB0 input when IOB2 = 1 and PWM0 = 0.
2. TCLKD input when TPSC2 = TPSC1 = TPSC0 = 1 in any of
TCR4 to TCR0.
ITU channel
0 settings
21
2
IOB2
0
1
IOB1
0
0
1
—
IOB0
0
1
—
—
265



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com