Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 349 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 345Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 346Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 347Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 348Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 349Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 350Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 351Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 352Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 387 page
background image
3-59
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.5 Control registers
Fig. 3.5.13 Structure of Transmit/Receive buffer register 1, Transmit/Receive buffer register 3
Transmit/Receive buffer register 1, Transmit/Receive buffer register 3
b7 b6 b5 b4 b3 b2 b1 b0
Transmit/Receive buffer register 1 (TB1/RB1: address 001816)
Transmit/Receive buffer register 3 (TB3/RB3: address 003016)
b
0
Undefined
At reset R W
1
2
3
4
5
6
7
Functions
The transmission data is written to or the
receive data is read out from this buffer register.
• At write: A data is written to the transmit buffer
register.
• At read: The contents of the receive buffer
register are read out.
Note: The contents of transmit buffer register cannot be read out.
The data cannot be written to the receive buffer register.
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Fig. 3.5.14 Structure of Serial I/O1 status register, Serial I/O3 status register
Serial I/O1 status register, Serial I/O3 status register
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O1 status register (SIO1STS: address 001916)
Serial I/O3 status register (SIO3STS: address 003116)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
1
Transmit buffer
empty flag (TBE)
Receive buffer full
flag (RBF)
0: Transmit shift in progress
1: Transmit shift completed
Transmit shift
register shift
completion flag
(TSC)
0: No error
1: Parity error
Parity error flag
(PE)
0: No error
1: Overrun error
Overrun error flag
(OE)
0: No error
1: Framing error
0: (OE) U (PE) U (FE) = 0
1: (OE) U (PE) U (FE) = 1
Framing error flag
(FE)
Summing error flag
(SE)
✕
✕
✕
✕
✕
✕
✕
✕
Nothing is arranged for this bit. This bit is a
write disabled bit. When this bit is read out, the
contents are “1”.
0: Buffer full
1: Buffer empty
0: Buffer empty
1: Buffer full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com