Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 68Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 69Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 70Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 71Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 72Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 73Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 74Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 75Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 387 page
background image
1-54
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
PULSE WIDTH MODULATION (PWM)
The 3804 group (Spec. H) has PWM functions with an 8-bit reso-
lution, based on a signal that is the clock input XIN or that clock
input divided by 2 or the clock input XCIN or that clock input di-
vided by 2 in low-speed mode.
Data Setting
The PWM output pin also functions as port P56. Set the PWM pe-
riod by the PWM prescaler, and set the “H” term of output pulse by
the PWM register.
If the value in the PWM prescaler is n and the value in the PWM
register is m (where n = 0 to 255 and m = 0 to 255) :
PWM period = 255 ✕ (n+1) / f(XIN)
= 31.875 ✕ (n+1)
µs (when f(XIN) = 8 MHz)
Output pulse “H” term = PWM period ✕ m / 255
= 0.125 ✕ (n+1) ✕ m
µs
(when f(XIN) = 8 MHz)
Fig. 45 Timing of PWM period
Fig. 46 Block diagram of PWM function
PWM Operation
When bit 0 (PWM enable bit) of the PWM control register is set to
“1”, operation starts by initializing the PWM output circuit, and
pulses are output starting at an “H”.
If the PWM register or PWM prescaler is updated during PWM
output, the pulses will change in the cycle after the one in which
the change was made.
31.875 ✕ m ✕(n+1)
255
µs
T = [31.875 ✕ (n+1)]
µs
PWM output
m: Contents of PWM register
n : Contents of PWM prescaler
T : PWM period (when f(XIN) = 8 MHz
Data bus
Count source
selection bit
“0”
“1”
PWM
prescaler pre-latch
PWM
register pre-latch
PWM
prescaler latch
PWM
register latch
Transfer control circuit
PWM register
1/2
XIN
or
XCIN
Port P56 latch
PWM enable bit
Port P56
PWM prescaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com