Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 23Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 24Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 25Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 26Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 27Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 28Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 29Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 30Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 387 page
background image
1-9
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Table 3 Push and pop instructions of accumulator or processor status register
Accumulator
Processor status register
Push instruction to stack
PHA
PHP
Pop instruction from stack
PLA
PLP
Fig. 7 Register push and pop at interrupt generation and subroutine call
Note: Condition for acceptance of an interrupt
Interrupt enable flag is “1”
Execute JSR
On-going Routine
M (S)(PCH)
(S)
(S) – 1
M (S)(PCL)
Execute RTS
(PCL)M (S)
(S)
(S)– 1
(S)
(S) + 1
(S)
(S) + 1
(PCH)M (S)
Subroutine
POP return
address from stack
Push return address
on stack
M (S)(PS)
Execute RTI
(PS)M (S)
(S)
(S) – 1
(S)
(S) + 1
Interrupt
Service Routine
POP contents of
processor status
register from stack
M (S)(PCH)
(S)
(S) – 1
M (S)(PCL)
(S)
(S) – 1
(PCL)M (S)
(S)
(S) + 1
(S)
(S) + 1
(PCH)M (S)
POP return
address
from stack
I Flag is set from “0” to “1”
Fetch the jump vector
Push return address
on stack
Push contents of processor
status register on stack
Interrupt request
(Note)
Interrupt disable flag is “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com