Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 85Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 86Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 87Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 88Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 89Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 90Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 91Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 92Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 387 page
background image
1-71
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Fig. 69 Address data communication format
Address Data Communication
There are two address data communication formats, namely, 7-bit
addressing format and 10-bit addressing format. The respective
address communication formats are described below.
➀ 7-bit addressing format
To adapt the 7-bit addressing format, set the 10BIT SAD bit of
the I2C control register (S1D: address 001416) to “0”. The first 7-
bit address data transmitted from the master is compared with
the high-order 7-bit slave address stored in the I2C slave ad-
dress register. At the time of this comparison, address
comparison of the RWB bit of the I2C slave address register is
not performed. For the data transmission format when the 7-bit
addressing format is selected, refer to Figure 69, (1) and (2).
➁ 10-bit addressing format
To adapt the 10-bit addressing format, set the 10BIT SAD bit of
the I2C control register (S1D: address 001416) to “1.” An ad-
dress comparison is performed between the first-byte address
data transmitted from the master and the 8-bit slave address
stored in the I2C slave address register. At the time of this com-
parison, an address comparison between the RWB bit of the
I2C slave address register and the R/W bit which is the last bit
of the address data transmitted from the master is made. In the
10-bit addressing mode, the RWB bit which is the last bit of the
address data not only specifies the direction of communication
for control data, but also is processed as an address data bit.
When the first-byte address data agree with the slave address,
the AAS bit of the I2C status register (S1: address 001316) is
set to “1.” After the second-byte address data is stored into the
I2C data shift register (S0: address 001116), perform an ad-
dress comparison between the second-byte data and the slave
address by software. When the address data of the 2 bytes
agree with the slave address, set the RWB bit of the I2C slave
address register to “1” by software. This processing can make
the 7-bit slave address and R/W data agree, which are re-
ceived after a RESTART condition is detected, with the value of
the I2C slave address register. For the data transmission for-
mat when the 10-bit addressing format is selected, refer to
Figure 69, (3) and (4).
S
Slave addressR/W
A
Data
A/A
P
A
Data
7 bits
“0”
1 to 8 bits
1 to 8 bits
(1) A master-transmitter transmits data to a slave-receiver
S
Slave address R/W
A
Data
A
P
A
Data
7 bits
“1”
1 to 8 bits
1 to 8 bits
(2) A master-receiver receives data from a slave-transmitter
7 bits
“0”
8 bits
(3) A master-transmitter transmits data to a slave-receiver with a 10-bit address
1 to 8 bits
1 to 8 bits
S
R/W
A
Slave address
1st 7 bits
Slave address
2nd bytes
A
AData
Data
P
A/A
7 bits
“0”
8 bits
(4) A master-receiver receives data from a slave-transmitter with a 10-bit address
S : START condition
A : ACK bit
Sr : Restart condition
P : STOP condition
R/W : Read/Write bit
7 bits
“1”
1 to 8 bits
1 to 8 bits
S
R/W
A
Slave address
1st 7 bits
Slave address
2nd bytes
A
Sr
Slave address
1st 7 bits
R/W
A
Data
Data
P
A
: Master to slave
: Slave to master
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com