Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 34Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 35Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 36Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 37Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 38Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 39Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 40Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 41Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 387 page
background image
1-20
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Fig. 16 Structure of port pull-up control register (2)
Port P2 pull-up control register
b7b0
P20 pull-up control bit
0: No pull-up
1: Pull-up
P21 pull-up control bit
0: No pull-up
1: Pull-up
P22 pull-up control bit
0: No pull-up
1: Pull-up
P23 pull-up control bit
0: No pull-up
1: Pull-up
P24 pull-up control bit
0: No pull-up
1: Pull-up
P25 pull-up control bit
0: No pull-up
1: Pull-up
P26 pull-up control bit
0: No pull-up
1: Pull-up
P27 pull-up control bit
0: No pull-up
1: Pull-up
b7
b0
Port P3 pull-up control register
P30 pull-up control bit
0: No pull-up
1: Pull-up
P31 pull-up control bit
0: No pull-up
1: Pull-up
Not used
(return “0” when read)
P34 pull-up control bit
0: No pull-up
1: Pull-up
P35 pull-up control bit
0: No pull-up
1: Pull-up
P36 pull-up control bit
0: No pull-up
1: Pull-up
P37 pull-up control bit
0: No pull-up
1: Pull-up
(PULL3: address 0FF316)
(PULL2: address 0FF216)
Note: Pull-up control is valid when the corresponding bit
of the port direction register is “0” (input).
When that bit is “1” (output), pull-up cannot be set
to the port of which pull-up is selected.
Note: Pull-up control is valid when the corresponding bit
of the port direction register is “0” (input).
When that bit is “1” (output), pull-up cannot be set
to the port of which pull-up is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com