Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 21Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 22Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 23Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 24Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 25Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 26Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 27Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 28Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 387 page
background image
1-7
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
GROUP EXPANSION
Renesas plans to expand the 3804 group (Spec. H) as follows.
Memory Size
Flash memory size ......................................................... 60 K bytes
RAM size ....................................................................... 2048 bytes
Packages
64P4B ......................................... 64-pin shrink plastic-molded DIP
64P6N-A .................................... 0.8 mm-pitch plastic molded QFP
64P6Q-A .................................. 0.5 mm-pitch plastic molded LQFP
64P6U-A .................................. 0.8 mm-pitch plastic molded LQFP
Fig. 5 Memory expansion plan
Memory Expansion Plan
48K
32K
28K
24K
20K
16K
12K
8K
384
512
640
768
896
1024
60K
1152
1280
1408
1536
2048
3072
4032
ROM size (bytes)
RAM size (bytes)
M38049FFH
M38049FF
As of Dec. 2004
: Under development
: Mass production
GROUP EXPANSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com