Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 70Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 71Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 72Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 73Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 74Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 75Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 76Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 77Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 387 page
background image
1-56
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
A/D CONVERTER
[AD Conversion Register 1, 2 (AD1, AD2)]
003516, 003816
The AD conversion register is a read-only register that stores the
result of an A/D conversion. When reading this register during an
A/D conversion, the previous conversion result is read.
Bit 7 of the AD conversion register 2 is the conversion mode se-
lection bit. When this bit is set to “0,” the A/D converter becomes
the 10-bit A/D mode. When this bit is set to “1,” that becomes the
8-bit A/D mode. The conversion result of the 8-bit A/D mode is
stored in the AD conversion register 1. As for 10-bit A/D mode, not
only 10-bit reading but also only high-order 8-bit reading of con-
version result can be performed by selecting the reading
procedure of the AD conversion registers 1, 2 after A/D conversion
is completed (in Figure 50).
As for 10-bit A/D mode, the 8-bit reading inclined to MSB is per-
formed when reading the AD converter register 1 after A/D
conversion is started; and when the AD converter register 1 is
read after reading the AD converter register 2, the 8-bit reading in-
clined to LSB is performed.
[AD/DA Control Register (ADCON)] 003416
The AD/DA control register controls the A/D conversion process.
Bits 0 to 2 and bit 4 select a specific analog input pin. Bit 3 signals
the completion of an A/D conversion. The value of this bit remains
at “0” during an A/D conversion, and changes to “1” when an A/D
conversion ends. Writing “0” to this bit starts the A/D conversion.
Comparison Voltage Generator
The comparison voltage generator divides the voltage between
VREF and AVSS into 1024, and that outputs the comparison voltage
in the 10-bit A/D mode (256 division in 8-bit A/D mode).
The A/D converter successively compares the comparison voltage
Vref in each mode, dividing the VREF voltage (see below), with the
input voltage.
• 10-bit A/D mode (10-bit reading)
Vref =
✕ n (n = 0–1023)
• 10-bit A/D mode (8-bit reading)
Vref =
✕ n (n = 0–255)
• 8-bit A/D mode
Vref =
✕ (n–0.5) (n = 1–255)
=0
(n = 0)
Fig. 49 Structure of AD/DA control register
Channel Selector
The channel selector selects one of ports P67/AN7 to P60/AN0 or
P07/AN15 to P00/AN8, and inputs the voltage to the comparator.
Comparator and Control Circuit
The comparator and control circuit compares an analog input volt-
age with the comparison voltage, and then stores the result in the
AD conversion registers 1, 2. When an A/D conversion is com-
pleted, the control circuit sets the AD conversion completion bit
and the AD interrupt request bit to “1”.
Note that because the comparator consists of a capacitor cou-
pling, set f(XIN) to 500 kHz or more during an A/D conversion.
VREF
256
VREF
256
Fig. 50 Structure of 10-bit A/D mode reading
VREF
1024
AD/DA control register
(ADCON : address 003416)
Analog input pin selection bits 1
0 0 0: P60/AN0 or P00/AN8
0 0 1: P61/AN1 or P01/AN9
0 1 0: P62/AN2 or P02/AN10
0 1 1: P63/AN3 or P03/AN11
1 0 0: P64/AN4 or P04/AN12
1 0 1: P65/AN5 or P05/AN13
1 1 0: P66/AN6 or P06/AN14
1 1 1: P67/AN7 or P07/AN15
AD conversion completion bit
0: Conversion in progress
1: Conversion completed
Analog input pin selection bit 2
0: AN0 to AN7 side
1: AN8 to AN15 side
Not used (returns “0” when read)
DA1 output enable bit
0: DA1 output disabled
1: DA1 output enabled
DA2 output enable bit
0: DA2 output disabled
1: DA2 output enabled
b7
b0
b2 b1 b0
10-bit reading
(Read address 003816 before 003516)
AD conversion register 2
(AD2: address 003816)
AD conversion register 1
(AD1: address 003516)
8-bit reading
(Read only address 003516)
AD conversion register 1
(AD1: address 003516)
Note : Bits 2 to 6 of address 003816 become “0”
at reading.
b8
b7 b6 b5 b4 b3 b2 b1 b0
b7
b0
b9
b7
b0
b9 b8 b7 b6 b5 b4 b3 b2
b7
b0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com