Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 50Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 51Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 52Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 53Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 54Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 55Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 56Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 57Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 387 page
background image
1-36
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Fig. 25 Structure of timer Z mode register
Timer Z mode register
(TZM : address 002A16)
Timer Z operating mode bits
b2b1b0
00 0 : Timer/Event counter mode
00 1 : Pulse output mode
01 0 : Pulse period measurement mode
01 1 : Pulse width measurement mode
10 0 : Programmable waveform generating mode
10 1 : Programmable one-shot generating mode
11 0 : Not available
11 1 : Not available
Timer Z write control bit
0 : Writing data to both latch and timer simultaneously
1 : Writing data only to latch
Output level latch
0 : “L” output
1 : “H” output
CNTR2 active edge switch bit
0 : •Event counter mode: Count at rising edge
•Pulse output mode: Start outputting “H”
•Pulse period measurement mode: Measurement
between two falling edges
•Pulse width measurement mode: Measurement of
“H” term
•Programmable one-shot generating mode: After
start outputting “L”, “H” one-shot pulse generated
•Interrupt at falling edge
1 : •Event counter mode: Count at falling edge
•Pulse output mode: Start outputting “L”
•Pulse period measurement mode: Measurement
between two rising edges
•Pulse width measurement mode: Measurement of
“L” term
•Programmable one-shot generating mode: After
start outputting “H”, “L” one-shot pulse generated
•Interrupt at rising edge
Timer Z count stop bit
0 : Count start
1 : Count stop
Timer/Event counter mode switch bit (Note)
0 : Timer mode
1 : Event counter mode
b7
b0
Note: When selecting the modes except the timer/event
counter mode, set “0” to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com