Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 357Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 358Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 359Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 360Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 361Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 362Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 363Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 364Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 387 page
background image
3-71
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.5 Control registers
Fig. 3.5.33 Structure of AD conversion register 1
Fig. 3.5.35 Structure of AD conversion register 2
AD conversion register 1
b7 b6 b5 b4 b3 b2 b1 b0
AD conversion register 1
(AD1: address 003516)
b
0
0
0
0
0
0
0
Undefined
At reset R W
1
2
3
b9
8-bit read
10-bit read
b8 b7 b6 b5 b4 b3 b2
b7
b0
b7
b0
b7 b6 b5 b4 b3 b2 b1 b0
4
5
6
7
Functions
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
This is A/D conversion result stored bits. This is
read exclusive register.
DAi conversion register
b7 b6 b5 b4 b3 b2 b1 b0
DAi conversion register (i = 1, 2)
(DAi: addresses 003616, 003716)
b
0
0
0
0
0
0
0
0
At reset R W
1
2
3
4
5
6
7
Functions
This is D/A output value stored bits. This is write
exclusive register.
0
0
0
0
0
0
0
0
Fig. 3.5.34 Structure of DAi conversion register (i = 1, 2)
AD conversion register 2
b7 b6 b5 b4 b3 b2 b1 b0
AD conversion register 2
(AD2: address 003816)
b
0
0
0
0
0
0
0
0
At reset R W
1
2
3
4
5
6
7
Functions
Undefined
Undefined
0
0
0
0
0
0
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read out,
the contents are “0”.
Conversion mode
selection bit
0: 10-bit A/D mode
1: 8-bit A/D mode
10-bit read
b9 b8
This is A/D conversion result stored bits. This is
read exclusive register.
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com