Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 116Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 117Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 118Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 119Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 120Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 121Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 122Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 123Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 387 page
background image
1-102
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION SUPPLEMENT
Timing After Interrupt
The interrupt processing routine begins with the machine cycle fol-
lowing the completion of the instruction that is currently in
execution.
Figure 93 shows a timing chart after an interrupt occurs, and Fig-
ure 94 shows the time up to execution of the interrupt processing
routine.
Fig. 93 Timing chart after an interrupt occurs
Fig. 94 Time up to execution of the interrupt processing routine
PCH
PCL
PS
AL
AH
S, SPS
S-2, SPS
S-1, SPS
PC
BL
BH
AL, AH
: CPU operation code fetch cycle
(This is an internal signal that cannot be observed from the external unit.)
: Vector address of each interrupt
: Jump destination address of each interrupt
: “0016” or “0116”
SYNC
BL, BH
AL, AH
SPS
Data bus
Not used
Address bus
SYNC
RD
WR
φ
Interrupt request generated
Main routine
Interrupt processing routine
7 to 23 cycles
(When f(XIN) = 8.4 MHz, 0.83
µs to 2.74 µs)
2 cycles
5 cycles
Start of interrupt processing
0 to 16 cycles
Waiting time for
post-processing
of pipeline
Stack push and
Vector fetch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com