Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 142Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 143Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 144Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 145Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 146Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 147Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 148Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 149Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 387 page
background image
2-22
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.3 Timer
This paragraph explains the registers setting method and the notes relevant to the timers.
2.3.1 Memory map
Fig. 2.3.1 Memory map of registers relevant to timers
Timer Z mode register (TZM)
Interrupt source selection register (INTSEL)
003C16
003D16
003916
002A16
003E16
Timer Z high-order (TZH)
Timer Z low-order (TZL)
Timer Y (TY)
002916
002816
002716
Prescaler Y (PREY)
002616
002516
Prescaler X (PREX)
Timer XY mode register (TM)
Timer 2 (T2)
002416
002316
002216
002116
Prescaler 12 (PRE12)
Timer Y, Z count source selection register (TYZCSS)
Timer 1 (T1)
Timer 12, X count source selection register (T12XCSS)
002016
000F16
000E16
Address
Timer X (TX)
003F16
Interrupt request register 1 (IREQ1)
Interrupt request register 2 (IREQ2)
Interrupt control register 1 (ICON1)
Interrupt control register 2 (ICON2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com