Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 155Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 156Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 157Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 158Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 159Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 160Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 161Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 162Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 387 page
background image
2-35
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
(3) Timer application example 2: Piezoelectric buzzer output
Outline: The rectangular waveform output function of the timer is applied for a piezoelectric buzzer
output.
Specifications: •The rectangular waveform, dividing the clock f(XIN) = 8 MHz into about 2 kHz (2049
Hz), is output from the P47/CNTR2 pin.
•The level of the P47/CNTR2 pin is fixed to “H” while a piezoelectric buzzer output
stops.
Figure 2.3.18 shows a peripheral circuit example, and Figure 2.3.19 shows the timers connection and
setting of division ratios. Figure 2.3.20 shows the relevant registers setting, and Figure 2.3.21 shows
the control procedure.
Fig. 2.3.18 Peripheral circuit example
Fig. 2.3.19 Timers connection and setting of division ratios
3804 Group (Spec. H)
P47/CNTR2
PiPiPi.....
244
µs
CNTR2 output
The “H” level is output while a piezoelectric buzzer output stops.
244
µs
Set a division ratio so that the
underflow output period of the timer Z
can be 244
µs.
1/161/122
CNTR2
f(XIN) = 8 MHz
Timer Z count source
selection bit
Timer Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com