Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 169Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 170Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 171Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 172Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 173Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 174Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 175Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 176Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 387 page
background image
2-49
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.4.4 Structure of Serial I/O1 control register
Serial I/O1 control register
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O1 control register
(SIO1CON: address 001A16)
b
0
Name
0
Functions
At reset R W
0
0
1
2
0
3 Transmit interrupt
source selection
bit (TIC)
4
0
Transmit enable bit
(TE)
0: Transmit disabled
1: Transmit enabled
0: I/O port (P47)
1: SRDY1 output pin
0: Receive disabled
1: Receive enabled
0: UART
1: Clock synchronous
serial I/O
5
0
Receive enable bit
(RE)
7
6
0
Serial I/O1 mode
selection bit (SIOM)
Serial I/O1 enable
bit (SIOE)
0: Transmit buffer empty
1: Transmit shift operation
completion
0: f(XIN)
1: f(XIN)/4
When clock synchronous
serial I/O is selected,
0: BRG output divided by 4
1: External clock input
When UART is selected,
0: BRG output divided by 16
1: External clock input
divided by16
0: Serial I/O1 disabled
(P44 to P47: normal I/O pins)
1: Serial I/O1 enabled
(P44 to P47: Serial I/O pins)
Serial I/O1
synchronous clock
selection bit (SCS)
BRG count source
selection bit (CSS)
SRDY1 output
enable bit (SRDY)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com