Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 188Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 189Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 190Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 191Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 192Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 193Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 194Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 195Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 387 page
background image
2-68
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
When the registers are set as shown in Fig. 2.4.27, serial I/O1 can transmit 1-byte data by writing
data to the transmit buffer register.
Thus, after setting the CS signal to “L”, write the transmission data to the transmit buffer register by
each 1 byte, and return the CS signal to “H” when the target number of bytes has been transmitted.
Figure 2.4.29 shows a control procedure of serial I/O1.
Fig. 2.4.29 Control procedure of serial I/O1
P6 (Address : 000C16), bit3
0
0
N
Y
1
IREQ1 (Address : 003C16), bit3?
Complete to transmit data?
Initialization
SIO1CON
UART1CON
BRG1
ICON1
P6
P6D
(Address : 001A16)
(Address : 001B16), bit4
(Address : 001C16)
(Address : 003E16), bit3
(Address : 000C16), bit3
(Address : 000D16)
110110002
XXXX1XXX2
IREQ1 (Address : 003C16), bit3
0
TB1/RB1 (Address : 001816)
P6 (Address : 000C16), bit3
1
a transmission
data
• Returning CS signal output level to “H”
when transmission of the target number
of bytes is completed
• Serial I/O1 transmit interrupt : Disabled
• CS signal output port setting
(“H” level output)
RESET
q
0
8–1
0
1
q X: This bit is not used here. Set it to “0” or “1” arbitrarily.
• Serial I/O1 setting
• CS signal output level to “L” setting
• Serial I/O1 transmit interrupt request bit to
“0” setting
• Transmission data write
(Start of transmit 1-byte data)
• Judgment of completion of transmitting 1-byte
data
• Use any of RAM area as a counter for counting
the number of transmitted bytes
• Judgment of completion of transmitting the
target number of bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com