Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 223 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 223 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 219Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 220Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 221Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 222Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 223Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 224Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 225Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 226Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 227Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 387 page
background image
2-99
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.5.20 Initial setting example for SMBUS communication
S0D0
1
0 01 0
1
0
b0
b7
0
S2
1
0 00 1
0
1
b0
b7
0
S1
01
0
b0
b7
S2D
01
b0
b7
00
0
1
1
S1D
00
b0
b7
00
0
1
0
0
I2C slave address register 0 (address 0FF716)
I2C clock control register (address 001516)
I2C status register (address 001316)
I2C START/STOP condition control register (address 001616)
I2C control register (address 001416)
Set slave address value 001616.
Set clock 100 kHz (XIN = 8MHz)
Standard clock mode
ACK is returned
ACK clock
SCL pin low hold bit: Fix to “1”
Slave receive mode
Set setup time, hold time to 27 cycles (6.75
µs: XIN = 8 MHz).
SCL/SDA interrupt: Falling edge active
SCL/SDA interrupt: SDA valid
Fix to “0”
Set number of transmit/receive bits to “8”.
I2C-BUS interface: Enabled
Addressing format
7-bit addressing format
Fix to “0”
Set SMBUS input level.
S3D
0
00
0 0
0
0
b0
b7
I2C special mode control register (address 001716)
Fix to “0”
ACK interrupt control : At communication completion
One-byte slave address compare mode
Fix to “0”
Fix to “0”
SCL pin low hold 2 flag set bit : Not used
SCL pin low hold set bit : Not set
STOP condition flag clear bit : Not used
This setting can be omitted.
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com