Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 243Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 244Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 245Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 246Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 247Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 248Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 249Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 250Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 387 page
background image
2-123
APPLICATION
2.7 A/D converter
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.7 A/D converter
This paragraph explains the registers setting method and the notes relevant to the A/D converter.
2.7.1 Memory map
Fig. 2.7.1 Memory map of registers relevant to A/D converter
2.7.2 Relevant registers
Fig. 2.7.2 Structure of AD/DA control register
Interrupt request register 2 (IREQ2)
003D16
Interrupt source selection register (INTSEL)
AD conversion register 2 (AD2)
003916
003816
AD conversion register 1 (AD1)
AD/DA control register (ADCON)
003516
003416
Address
Interrupt control register 2 (ICON2)
003F16
AD/DA control register
b7 b6 b5 b4 b3 b2 b1 b0
AD/DA control register
(ADCON: address 003416)
b
0
1
2
Name
0
Functions
At reset R W
0
0
1
Analog input pin
selection bits 1
b2 b1 b0
0 0 0: P60/AN0 or P00/AN8
0 0 1: P61/AN1 or P01/AN9
0 1 0: P62/AN2 or P02/AN10
0 1 1: P63/AN3 or P03/AN11
1 0 0: P64/AN4 or P04/AN12
1 0 1: P65/AN5 or P05/AN13
1 1 0: P66/AN6 or P06/AN14
1 1 1: P67/AN7 or P07/AN15
3
0
Analog input pin
selection bit 2
0: AN0 to AN7 side
1: AN8 to AN15 side
AD conversion
completion bit
0: Conversion in progress
1: Conversion completed
4
0
0
DA1 output enable
bit
0: DA1 output disabled
1: DA1 output enabled
0
DA2 output enable
bit
0: DA2 output disabled
1: DA2 output enabled
5 Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com