Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 290Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 291Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 292Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 293Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 294Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 295Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 296Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 297Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 387 page
background image
3-4
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.1 Electrical characteristics
Table 3.1.3 Recommended operating conditions (2)
(VCC = 2.7 to 5.5 V, VSS = 0V, Ta = –20 to 85 °C, unless otherwise noted)
f(XCIN)
Symbol
Notes 1: When the oscillation frequency has a duty cycle of 50%.
2: When using the microcomputer in low-speed mode, set the sub-clock input oscillation frequency on condition that
f(XCIN) < f(XIN)/3.
f(XIN)
Main clock input oscillation
frequency (Note 1)
Parameter
Limits
Min.
MHz
MHz
MHz
MHz
MHz
kHz
Unit
Typ.
Max.
32.768
Sub-clock input oscillation
frequency (Notes 1, 2)
Conditions
High-speed mode
f(
φ) = f(XIN)/2
Middle-speed mode
f(
φ) = f(XIN)/8
2.7
≤ VCC < 4.0 V
4.0
≤ VCC < 4.5 V
4.5
≤ VCC ≤ 5.5 V
2.7
≤ VCC < 4.5 V
4.5
≤ VCC ≤ 5.5 V
(9✕VCC-0.3)✕1.05
3
(24✕VCC-60)✕1.05
3
16.8
(15✕VCC+39)✕1.1
7
16.8
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com