Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 295Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 296Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 297Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 298Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 299Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 300Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 301Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 302Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 387 page
background image
3-9
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.1 Electrical characteristics
3.1.7 Timing requirements and switching characteristics
Table 3.1.11 Timing requirements (1)
(VCC = 2.7 to 5.5 V, VSS = 0V, Ta = –20 to 85 °C, unless otherwise noted)
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tC(XCIN)
tWH(XCIN)
tWL(XCIN)
tC(CNTR)
tWH(CNTR)
tWL(CNTR)
tWH(INT)
tWL(INT)
Limits
XIN cycle
ns
ns
ns
µs
µs
µs
ns
ns
ns
ns
ns
Parameter
Max.
Symbol
Unit
Typ.
Reset input “L” pulse width
Main clock XIN
input cycle time
Main clock XIN
input “H” pulse width
Main clock XIN
input “L” pulse width
Sub-clock XCIN input cycle time
Sub-clock XCIN input “H” pulse width
Sub-clock XCIN input “L” pulse width
CNTR0–CNTR2
input cycle time
CNTR0–CNTR2
input “H” pulse width
CNTR0–CNTR2
input “L” pulse width
INT00, INT01, INT1, INT2, INT3, INT40, INT41
input “H” pulse width
INT00, INT01, INT1, INT2, INT3, INT40, INT41
input “L” pulse width
Min.
td(P-R) ms + 16
59.5
10000/(86VCC-219)
26✕10
3/(82VCC-3)
25
4000/(86VCC-219)
10000/(82VCC-3)
25
4000/(86VCC-219)
10000/(82VCC-3)
20
5
5
120
160
250
48
64
115
48
64
115
48
64
115
48
64
115
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com