Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 302Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 303Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 304Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 305Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 306Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 307Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 308Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 309Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 387 page
background image
3-16
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.2 Standard characteristics
0.0
2.0
4.0
6.0
8.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Vcc (V)
16.8 MHz
0.0
200.0
400.0
600.0
800.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Vcc (V)
32.768 kHz
Fig. 3.2.3 Power source current standard characteristics (in low-speed mode)
Fig. 3.2.4 Power source current standard characteristics (in high-speed mode, f(XIN) = 16.8 MHz, WAIT state)
Low-speed mode (TYP, 25 °C)
[
φφφφφ = XCIN/2, XIN = stopped]
High-speed mode, WAIT state (TYP, 25 °C)
[
φφφφφ = XIN/2, XCIN = 32.768 kHz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com