Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP33035SD Datasheet(PDF) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP33035SD
Description  BRUSHLESS DC MOTOR CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP33035SD Datasheet(HTML) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP33035SD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
BRUSHLESS DC MOTOR CONTROLLER
2007-3-16
4/28
FSP33035
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Power Supply Voltage, VCC
40
V
Digital Inputs (Pins 3, 4, 5, 6, 22, 23),
Vref
V
Oscillator Input Current (Source or Sink), IOSC
30
mA
Error Amp Input Voltage Range (Pins 11, 12), VIR
-0.3 to Vref
V
Error Amp Output Current (Source or Sink), Iout
10
mA
Current Sense Input Voltage Range (Pins 9, 15), Vsense
-0.3 to 5
V
Fault Fault Output Voltage, VCE(fault)
20
V
Fault Output Sink Current, ISINK(fault)
20
mA
Top Drive Voltage (Pins 1, 2, 24), VCE(top)
40
V
Top Drive Sink Current (Pins 1, 2, 24), ISINK(top)
50
mA
Bottom Drive Supply Voltage (Pin 18),Vc
30
V
Bottom Drive Out put Current(Source or Sink, Pins19, 20, 21), IDRV
100
mA
867(PDIP24L)
Maximum Power Dissipation @ TA = 85°C, PD
650(SOP24L)
mW
75(PDIP24L)
Thermal Resistance, Junction–to–Air, RQJA
100(SOP24L)
°C/W
Operating Junction Temperature, TJ
150
°C
Operating Ambient Temperature Range, TA
-40 to 85
°C
Storage Temperature Range, TSTG
-65 to 150
°C
ELECTRICAL CHARACTERISTICS
(VCC = VC = 20 V, RT = 4.7 k, CT = 10 nF, TA = 25°C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE SECTION
(Ir e f = 1.0 mA), TA = 25°C
5.9
6.5
Reference Output Voltage
Vref
(Ir e f = 1.0 mA), TA = -40 to 85°C
5.82
6.57
V
Line Regulation
(VCC = 10 to 30 V, Iref = 1.0 mA),
30
mV
Load Regulation
(Iref = 1.0 to 20 mA),
30
mV
Output Short Circuit Current ,
Isc
40
mA
Reference
Under
Voltage
Lockout Threshold,
Vth
4.0
5.0
V
ERROR AMPLIFIER
Input Offset Voltage
Vio
TA = -40 to 85°C
10
mV
Input Offset Current
Iio
TA = -40 to 85°C
500
nA
Input Bias Current
Iib
TA = -40 to 85°C
-1000
nA
Input Common Mode Voltage
Range
Vicr
0~Vref
V
Open Loop Voltage Gain
AVOL
(VO = 3.0 V, RL = 15 k)
70
dB
Input Common Mode Rejection
Ratio
CMRR
55
dB
Power Supply Rejection Ratio
PSRR
(VCC=VC =10 to 30V)
65
dB
Output Voltage Swing High level
VOH
RL= 15 k to GND
4.6
V
Output Voltage Swing Low level
VOL
RL = 15 k to Vref
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com