Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP33035SD Datasheet(PDF) 6 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP33035SD
Description  BRUSHLESS DC MOTOR CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP33035SD Datasheet(HTML) 6 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP33035SD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
BRUSHLESS DC MOTOR CONTROLLER
2007-3-16
6/28
FSP33035
ELECTRICAL CHARACTERISTICS(CONTINUED)
(VCC = VC = 20 V, RT = 4.7 k, CT = 10 nF, TA = 25°C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUTS AND POWER SECTIONS
Under Voltage Lockout
Drive Output Enabled
VTH(on)
(VCC or VC Increasing)
8.2
10
V
Hysteresis,
VH
0.1
0.3
V
VCC = VC = 20 V
16
Power Supply Current,
Pin 17
ICC
VCC = 20 V, VC = 30 V
20
mA
VCC = VC = 20 V
6.0
Power Supply Current,
Pin 18
IC
VCC = 20 V, VC = 30 V
10
mA
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com