Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP33035SD Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP33035SD
Description  BRUSHLESS DC MOTOR CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP33035SD Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP33035SD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
BRUSHLESS DC MOTOR CONTROLLER
2007-3-16
1/28
FSP33035
PIN CONFIGURATION
FEATURES
10V to 30 V Operation
Undervoltage Lockout
6.25V Reference Capable of Supplying Sensor
Power
Fully Accessible Error Amplifier for Closed Loop
Servo Applications
High Current Drivers Can Control External
3–Phase MOSFET Bridge
Cycle–By–Cycle Current Limiting
Pinned–Out Current Sense Reference
Internal Thermal Shutdown
Selectable 60°/300° or 120°/240° Sensor
Phasings
Can Efficiently Control Brush DC Motors with
External MOSFET H–Bridge
Top driver output current not more than 50mA
Bottom driver output current not more than 100mA
SOP24L and PDIP24L Packages
GENERAL DESCRIPTION
The
FSP33035
is
a
high
performance
second
generation monolithic brushless DC motor controller
containing all of the active functions required to
implement a full featured open loop, three or four
phase motor control system. This device consists of a
rotor
position
decoder
for
proper
commutation
sequencing,
temperature
compensated
reference
capable
of
supplying
sensor
power,
frequency
programmable sawtooth oscillator, three open collector
top drivers, and three high current totem pole bottom
drivers ideally suited for driving power MOSFETs.
Also included are protective features consisting of
undervoltage lockout, cycle–by–cycle current limiting
with a selectable time delayed latched shutdown mode,
internal thermal shutdown, and a unique fault output
that can be interfaced into microprocessor controlled
systems.
Typical motor control functions include open loop
speed, forward or reverse direction, run enable, and
dynamic braking. The FSP33035 is designed to
operate with electrical sensor phasings of 60°/300° or
120°/240°, and can also efficiently control brush DC
motors.


Similar Part No. - FSP33035SD

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3303 FOSLINK-FSP3303 Datasheet
373Kb / 10P
4 & 6 CHANNEL CHARGE PUMPS FOR WHITE LED BIAS
FSP3303QAD FOSLINK-FSP3303QAD Datasheet
373Kb / 10P
4 & 6 CHANNEL CHARGE PUMPS FOR WHITE LED BIAS
More results

Similar Description - FSP33035SD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
Brushless DC Motor Controller
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
Brushless DC Motor Controller
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
BRUSHLESS DC MOTOR CONTROLLER
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC2625-EP TI-UC2625-EP Datasheet
561Kb / 24P
BRUSHLESS DC MOTOR CONTROLLER
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com