Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP33035SD Datasheet(PDF) 5 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP33035SD
Description  BRUSHLESS DC MOTOR CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP33035SD Datasheet(HTML) 5 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP33035SD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
BRUSHLESS DC MOTOR CONTROLLER
2007-3-16
5/28
FSP33035
ELECTRICAL CHARACTERISTICS(CONTINUED)
(VCC = VC = 20 V, RT = 4.7 k, CT = 10 nF, TA = 25°C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR SECTION
Oscillator Frequency
fosc
22
28
kHz
Frequency Change with Voltage
fosc/V
(VCC = 10 to 30 V)
5.0
%
Sawtooth Peak Voltage
Vosc(p)
4.5
V
Sawtooth Valley Voltage
Vosc(v)
1.2
V
LOGIC INPUTS
Input Threshold Voltage (Pins 3,
4, 5, 6, 7, 22, 23)High State
VIH
3.0
Input Threshold Voltage (Pins 3,
4, 5, 6, 7, 22, 23) Low State
VIL
0.8
V
Sensor Inputs (Pins 4, 5, 6)
High State Input Current
IIHS
(VIH = 5.0 V)
-150
-20
Sensor Inputs (Pins 4, 5, 6)
Low State Input Current
IILS
(VIL = 0 V)
-600
-150
uA
Forward/Reverse,
60°/
120
°
Select (Pins 3, 22, 23)
High State Input Current
IIHF
(VIH = 5.0 V)
-75
-10
Forward/Reverse,
60°/
120
°
Select (Pins 3, 22, 23)
Low State Input Current
IILF
(VIL = 0 V)
-300
-75
uA
Output Enable
High State Input Current
IIHE
(VIH = 5.0 V)
-60
-10
Output Enable
Low State Input Current
IILE
(VIL = 0 V)
-60
-10
uA
CURRENT LIMIT COMPARATOR
Threshold Voltage
Vthc
85
115
mV
Input Bias Current
Iibc
-5.0
uA
OUTPUTS AND POWER SECTIONS
Top
Drive
Output
Sink
Saturation
VCE(sat)
(Isink = 25 mA)
1.5
V
Top
Drive
Output
Off–State
Leakage
IDRVleak
(VCE = 30 V)
100
uA
Top
Drive
Output
Switching
Time , Rise Time
trT
(CL = 47 pF, RL = 1.0 k)
300
Top
Drive
Output
Switching
Time ,Fall Time
tfT
(CL = 47 pF, RL = 1.0 k)
300
ns
Bottom Drive Output Voltage,
High State
VOHB
VCC = 20 V, VC = 30 V
( Isource = 50 mA)
VCC-2
Bottom Drive Output Voltage,
Low state
VOHL
VCC = 20 V, VC = 30 V
( Isink = 50 mA)
2.0
V
Bottom Drive Output Switching
Time Rise Time
trB
(CL = 1000 pF)
200
Bottom Drive Output Switching
Time Fall Time
tfB
(CL = 1000 pF)
200
ns
Fault Output Sink Saturation
VCE(sat)
(Isink = 16 mA)
500
mV
Fault Output Off–State Leakage
IFLTleak
(VCE = 20 V)
100
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com