Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP33035SD Datasheet(PDF) 8 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP33035SD
Description  BRUSHLESS DC MOTOR CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP33035SD Datasheet(HTML) 8 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP33035SD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 11Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 12Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
BRUSHLESS DC MOTOR CONTROLLER
2007-3-16
8/28
FSP33035
inputs. With Pin 22 in low (0) state, configuration is for 120° sensor electrical phasing inputs.
5. Valid 60° or 120° sensor combinations for corresponding valid top and bottom drive outputs.
6. Invalid sensor inputs with brake = 0; All top and bottom drives off, Fault low.
7. Invalid sensor inputs with brake = 1; All top drives off, all bottom drives on, Fault low.
8. Valid 60° or 120° sensor inputs with brake = 1; All top drives off, all bottom drives on, Fault high.
9. Valid sensor inputs with brake = 1 and enable = 0; All top drives off, all bottom drives on, Fault low.
10. Valid sensor inputs with brake = 0 and enable = 0; All top and bottom drives off, Fault low.
11. All bottom drives off, Fault low.
Error Amplifier
A high performance, fully compensated error amplifier with access to both inputs and output (Pins 11, 12, 13) is
provided to facilitate the implementation of closed loop motor speed control. The amplifier features a typical DC
voltage gain of 80 dB, 0.6 MHz gain bandwidth, and a wide input common mode voltage range that extends from
ground to Vref. In most open loop speed control applications, the amplifier is configured as a unity gain voltage
follower with the noninverting input connected to the speed set voltage source.
Oscillator
The frequency of the internal ramp oscillator is programmed by the values selected for timing components RT and
CT. Capacitor CT is charged from the Reference Output (Pin 8) through resistor RT and discharged by an internal
discharge transistor. The ramp peak and valley voltages are typically 4.1 V and 1.5 V respectively. To provide a good
compromise between audible noise and output switching efficiency, an oscillator frequency in the range of 20 to 30
kHz is recommended.
Pulse Width Modulator
The use of pulse width modulation provides an energy efficient method of controlling the motor speed by varying the
average voltage applied to each stator winding during the commutation sequence. As CT discharges, the oscillator
sets both latches, allowing conduction of the top and bottom drive outputs. The PWM comparator resets the upper
latch, terminating the bottom drive output conduction when the positive–going ramp of CT becomes greater than the
error amplifier output. The pulse width modulator timing diagram is shown in the Figure below. Pulse width
modulation for speed control appears only at the bottom drive outputs.
Pulse Width Modulator Timing Diagram Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com