Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP33035SD Datasheet(PDF) 16 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP33035SD
Description  BRUSHLESS DC MOTOR CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP33035SD Datasheet(HTML) 16 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP33035SD Datasheet HTML 12Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 13Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 14Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 15Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 16Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 17Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 18Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 19Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 20Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
BRUSHLESS DC MOTOR CONTROLLER
2007-3-16
16/28
FSP33035
The figure below shows a three phase, three step, half wave motor controller. This configuration is ideally suited for
automotive and other low voltage applications since there is only one power switch voltage drop in series with a
given stator winding. Current flow is unidirectional or half wave because only one end of each winding is switched.
Continuous braking with the typical half wave arrangement presents a motor overheating problem since stator
current is limited only by the winding resistance. This is due to the lack of upper power switch transistors, as in the
full wave circuit, used to disconnect the windings from the supply voltage VM. A unique solution is to provide
braking until the motor stops and then turn off the bottom drives. This can be accomplished by using the Fault
Output in conjunction with the Output Enable as an over current timer. Components RDLY and CDLY are selected to
give the motor sufficient time to stop before latching the Output Enable and the top drive AND gates low. When
enabling the motor, the brake switch is closed and the PNP transistor (along with resistors R1 and RDLY ) are used
to reset the latch by discharging CDLY. The stator flyback voltage is clamped by a single zener and three diodes.
Three Phase, Three Step, Half Wave Motor Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com