Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP33035SD Datasheet(PDF) 10 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP33035SD
Description  BRUSHLESS DC MOTOR CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP33035SD Datasheet(HTML) 10 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP33035SD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 11Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 12Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 13Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035SD Datasheet HTML 14Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
BRUSHLESS DC MOTOR CONTROLLER
2007-3-16
10/28
FSP33035
Fault Output
The open collector Fault Output (Pin 14) was designed to provide diagnostic information in the event of a system
malfunction. It has a sink current capability of 16 mA and can directly drive a light emitting diode for visual indication.
Additionally, it is easily interfaced with TTL/CMOS logic for use in a microprocessor controlled system. The Fault
Output is active low when one or more of the following conditions occur:
1) Invalid Sensor Input code
2) Output Enable at logic [0]
3) Current Sense Input greater than 100 mV
4) Undervoltage Lockout, activation of one or more of the comparators
5) Thermal Shutdown, maximum junction temperature
being exceeded
This unique output can also be used to distinguish between motor start–up or sustained operation in an overloaded
condition. With the addition of an RC network between the Fault Output and the enable input, it is possible to create
a time–delayed latched shutdown for overcurrent. The added circuitry shown in the Figure makes easy starting of
motor systems which have high inertial loads by providing additional starting torque, while still preserving
overcurrent protection. This task is accomplished by setting the current limit to a higher than nominal value for a
predetermined time. During an excessively long overcurrent condition, capacitor CDLY will charge, causing the
enable input to cross its threshold to a low state. A latch is then formed by the positive feedback loop from the Fault
Output to the Output Enable. Once set, by the Current Sense Input, it can only be reset by shorting CDLY or cycling
the power supplies.
Drive Outputs
The three top drive outputs (Pins 1, 2, 24) are open collector NPN transistors capable of sinking 50mA with a
minimum breakdown of 30 V. Interfacing into higher voltage applications is easily accomplished with the circuits
shown in two Figures below.
The three totem pole bottom drive outputs (Pins 19, 20, 21) are particularly suited for direct drive of N–Channel
MOSFETs or NPN bipolar transistors. Each output is capable of sourcing and sinking up to 100mA. Power for the
bottom drives is supplied from VC (Pin 18). This separate supply input allows the designer added flexibility in
tailoring the drive voltage, independent of VCC. A zener clamp should be connected to this input when driving
power MOSFETs in systems where VCC is greater than 20 V so as to prevent rupture of the MOSFET gates.
The control circuitry ground (Pin 16) and current sense inverting input (Pin 15) must return on separate paths to the
central input source ground.
Thermal Shutdown
Internal thermal shutdown circuitry is provided to protect the IC in the event the maximum junction temperature is
exceeded. When activated, typically at 170°C, the IC acts as though the Output Enable was grounded.
Timed Delayed Latched Over Current Shutdown
High Voltage Interface with NPN Power Transistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com