Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 30Page - Analog Devices ADATE304BBCZ Datasheet HTML 31Page - Analog Devices ADATE304BBCZ Datasheet HTML 32Page - Analog Devices ADATE304BBCZ Datasheet HTML 33Page - Analog Devices ADATE304BBCZ Datasheet HTML 34Page - Analog Devices ADATE304BBCZ Datasheet HTML 35Page - Analog Devices ADATE304BBCZ Datasheet HTML 36Page - Analog Devices ADATE304BBCZ Datasheet HTML 37Page - Analog Devices ADATE304BBCZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
ADATE304
Rev. 0 | Page 34 of 52
DEFINITION OF SPI WORD
The SPI can accept variable length words, depending on the
operation. At most, the word length equals 24 bits: 16 bits of
data, two channel selects, one read/write (R/W) selector, and a
5-bit address.
Depending on the operation, the data can be smaller or, in the
case of a read operation, nonexistent.
Table 18. Channel Selection
Channel 1
Channel 0
Channel Selected
0
0
NOP (no channel selected, no register
changes)
0
1
Channel 0 selected
1
0
Channel 1 selected
1
1
Channel 0 and Channel 1 selected
Table 19. R/W Definition
R/W
Description
0
Current register specified by address shifts out of
SDOUT on next shift operation
1
Current data written to the register specified by
address and channel select
Example 1: 16-Bit Write
Write 16 bits of data to a register or DAC; ignore unused MSBs. For example, Bit 15 and Bit 14 are ignored, and Bit 13 through Bit 0 are
applied to the 14-bit DAC.
DATA[15:0]
CH[1:0]
R/W
ADDR[4:0]
Figure 64. 16-Bit Write
Example 2: 14-Bit Write
Write 14 bits of data to the DAC.
DATA[13:0]
CH[1:0]
R/W
ADDR[4:0]
Figure 65. 14-Bit Write
Example 3a: 2-Bit Write
Write two bits of data to the 2-bit register.
DATA[1:0]
CH[1:0]
R/W
ADDR[4:0]
Figure 66. 2-Bit Write
Example 3b: 2-Bit Write
Write two bits of data to the 2-bit register. Bit 15 through Bit 2 are ignored and Bit 1 through Bit 0 are applied to the register.
DATA[15:0]
CH[1:0]
R/W
ADDR[4:0]
Figure 67. 2-Bit Write
Example 4: Read Request
Read request and follow with a second instruction (could be NOP) to clock out the data.
DATA[15:0]
CH[1:0]
R/W
ADDR[4:0]
CH[1:0]
R/W = 0
ADDR[4:0]
Figure 68. Read Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com