Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 8Page - Analog Devices ADATE304BBCZ Datasheet HTML 9Page - Analog Devices ADATE304BBCZ Datasheet HTML 10Page - Analog Devices ADATE304BBCZ Datasheet HTML 11Page - Analog Devices ADATE304BBCZ Datasheet HTML 12Page - Analog Devices ADATE304BBCZ Datasheet HTML 13Page - Analog Devices ADATE304BBCZ Datasheet HTML 14Page - Analog Devices ADATE304BBCZ Datasheet HTML 15Page - Analog Devices ADATE304BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
ADATE304
Rev. 0 | Page 12 of 52
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
Current Limit, Source, and Sink
Range A
108
140
180
%FS
P
PMU enabled, FV, PE disabled; sink: force 2.5 V, short DUTx
to 6.0 V; source: force 2.5 V, short DUTx to −1.0 V; Range A FS =
32 mA, 108% FS = 35 mA, 180% FS = 58 mA
Range B to Range E
120
145
180
%FS
P
PMU enabled, FV, PE disabled; sink: force 2.5 V, short DUTx to
6.0 V; source: force 2.5 V, short DUTx to −1.0 V; repeat for each
PMU current range; example: Range B FS = 2 mA, 120 % FS =
2.4 mA, 180% FS = 3.6 mA
DUTGND Voltage Accuracy
−7
±1
+7
mV
P
Over ±0.1 V range; measured at endpoints of FV functional
range
MEASURE CURRENT (MI)
VDUTx externally forced to 0.0V, unless otherwise specified; ideal
MEASOUT transfer functions: VMEASOUT01 [V] = (IMEASOUT01 × 5/FSR) +
2.5 + VDUTGND I(VMEASOUT01) [A] = (VMEASOUT01 − VDUTGND − 2.5) × FSR/5
Measure Current, Pin DUTx
Voltage Range for All Ranges
−1.5
+6.0
V
D
Measure Current Uncalibrated
Accuracy
Range A
±500
μA
CT
PMU enabled, FIMI, Range A, PE disabled, error at calibration
points −25 mA and +25 mA, error = (I(VMEASOUT01) − IDUTx)
Range B
−400
±3.0
+400
μA
P
PMU enabled, FIMI, Range B, PE disabled, error at calibration
points −1.6 mA and +1.6 mA, error = (I(VMEASOUT01) − IDUTx)
Range C
± 2.00
μA
CT
PMU enabled, FIMI, PE disabled, error at calibration points of
±80% FS, error = (I(VMEASOUT01)1 − IDUTx)
Range D
±0.30
μA
CT
PMU enabled, FIMI, PE disabled, error at calibration points of
±80% FS, error = (I(VMEASOUT01) − IDUTx)
Range E
±0.08
μA
CT
PMU enabled, FIMI, PE disabled, error at calibration points of
±80% FS, error = (I(VMEASOUT01) − IDUTx)
Measure Current Offset Tempco
Range A
±2
μA/°C
CT
Measured at calibration points
Range B
±25
nA/°C
CT
Measured at calibration points
Range C
±5
nA/°C
CT
Measured at calibration points
Range D and Range E
±1
nA/°C
CT
Measured at calibration points
Measure Current Gain Error,
Nominal Gain = 1
Range A
±2.5
%
CT
PMU enabled, FIMI, PE disabled, gain error from calibration
points ±80% FS
Range B
−20
±2
+20
%
P
PMU enabled, FIMI, Range B, PE disabled, gain error from
calibration points ±1.6 mA
Range C to Range E
±4
%
CT
PMU enabled, FIMI, PE disabled, gain error from calibration
points ±80% FS
Measure Current Gain Tempco
Measured at calibration points
Range A
±300
ppm/°C
CT
Range B to Range E
±50
ppm/°C
CT
Measure Current INL
Range A
±0.05
%FSR
CT
PMU enabled, FIMI, Range A, PE disabled, after two-point
gain/offset calibration, measured over FSR output of −32 mA
to +32 mA
Range B
−0.02
+0.02
%FSR
P
PMU enabled, FIM,I Range B, PE disabled, after two-point gain/
offset calibration measured over FSR output of −2 mA to +2 mA
Range B to Range E
±0.01
%FSR
CT
PMU enabled, FIMI, PE disabled, after two-point gain/offset
calibration; measured over FSR output
FVMI DUT Pin Voltage Rejection
−0.01
+0.01
%FSR/V
P
PMU enabled, FVMI, Range B, PE disabled, force −1 V and +5 V
into load of 1 mA; measure ∆I reported at MEASOUT01
DUTGND Voltage Accuracy
±2.5
mV
CT
Over ±0.1 V range; measured at endpoints of MI functional range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com