Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 32Page - Analog Devices ADATE304BBCZ Datasheet HTML 33Page - Analog Devices ADATE304BBCZ Datasheet HTML 34Page - Analog Devices ADATE304BBCZ Datasheet HTML 35Page - Analog Devices ADATE304BBCZ Datasheet HTML 36Page - Analog Devices ADATE304BBCZ Datasheet HTML 37Page - Analog Devices ADATE304BBCZ Datasheet HTML 38Page - Analog Devices ADATE304BBCZ Datasheet HTML 39Page - Analog Devices ADATE304BBCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
ADATE304
Rev. 0 | Page 36 of 52
READ OPERATION
The read operation is a two-stage operation. First, a word is
shifted in, specifying which register to read. CS is deasserted
for three clock cycles, and then a second word is shifted in to
obtain the readback data. This second word can be either
another operation or an NOP address. If another operation is
shifted in, it must shift in at least eight bits of data to read back
the previous specified data. The NOP address can be used for
this read if there is no need to read/write another register. To
maintain the clarity of the operation, it is strongly recommended
that the NOP address be used for all reads.
Any register read that is fewer than 16 bits has zeros filled in the
top bits to make it a 16-bit word.
X
X
READ INSTRUCTION
NOP
X
READ DATA
X
SCLK
INPUT
SDIN
INPUT
SDOUT
OUTPUT
CS
INPUT
NOTES
1. X = DON’T CARE.
Figure 71. SPI Read Overview
X
DATA[15:0], VALUE IS A DON’T CARE
0
25
24
23
22
21
20
19
18
17
16
15
14
13
12
CH[1]
X
R/W
CH[0]
ADDR[4] ADDR[3] ADDR[2] ADDR[1] ADDR[0]
SCLK
INPUT
SDIN
INPUT
SDOUT
OUTPUT
CS
INPUT
NOTES
1. X = DON’T CARE.
Figure 72. SPI Read—Details of Read Request
X
DATA[15:0], VALUE IS A DON’T CARE
0
25
24
23
22
21
20
19
18
17
16
15
14
13
12
CH[1]
RDATA[2]
RDATA[1]
RDATA[15] RDATA[14]
RDATA[0]
X
R/W = 1
ADDR[4:0] = 0x00 (NOP)
CH[0]
SCLK
INPUT
SDIN
INPUT
SDOUT
OUTPUT
CS
INPUT
NOTES
1. RDATA IS THE REGISTER VALUE BEING READ.
2. X = DON’T CARE.
Figure 73. SPI Read—Details of Read Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com