Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 4 Page - Analog Devices

  ADATE304BBCZ Datasheet HTML 1Page - Analog Devices ADATE304BBCZ Datasheet HTML 2Page - Analog Devices ADATE304BBCZ Datasheet HTML 3Page - Analog Devices ADATE304BBCZ Datasheet HTML 4Page - Analog Devices ADATE304BBCZ Datasheet HTML 5Page - Analog Devices ADATE304BBCZ Datasheet HTML 6Page - Analog Devices ADATE304BBCZ Datasheet HTML 7Page - Analog Devices ADATE304BBCZ Datasheet HTML 8Page - Analog Devices ADATE304BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
ADATE304
Rev. 0 | Page 4 of 52
SPECIFICATIONS
Characterization and production tests performed using Power Supply Range 1 (see Table 37). VDD = +10.75 V, VCC = +3.3 V, VSS = −5.00 V,
VPLUS = +16.75 V, VCOMP_VTT = +3.3 V, VREF = +5.0 V, VREF_GND = 0.0 V. All default test conditions are as defined in Table 38. All specified
values are at TJ = 55°C, where TJ corresponds to the internal temperature sensor and the temperature coefficients are measured at TJ =
55°C ± 20°C, unless otherwise noted. Typical values are based on design, simulation analyses, and/or limited bench evaluations. Typical
values are not tested or guaranteed. Test levels are specified in the Explanation of Test Levels section.
TOTAL FUNCTION
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
TOTAL FUNCTION
Output Leakage Current
PE Disable Range E
−20.0
+5.3
+20.0
nA
P
−1.25 V < VDUTx < +6.0 V; PMU and PE disabled
via SPI; PMU Range E, VCH = 7.0 V, VCL = −2.5 V
PE Disable Range A to Range D
5.3
nA
CT
−1.25 V < VDUTx < +6.0 V; PMU and PE disabled via
SPI; PMU Range A, PMU Range B, PMU Range C,
and PMU Range D, VCH = +7.0 V, VCL = −2.5 V
High-Z Mode
−400
+5.4
+400
nA
P
−1.25 V < VDUTx < +6.0 V; PMU disabled and PE
enabled via SPI; RCV active, VCH = +7.0 V, VCL =
−2.5 V
Output Capacitance
4
pF
S
VTERM mode operation
DUT Pin Range
−1.25
+6.0
V
D
POWER SUPPLIES
Total Supply Range, VPLUS to VSS
22.5
23.25
V
D
Defines PSRR conditions
VPLUS Supply
VPLUS
16.25
16.75
17.25
V
D
Defines PSRR conditions
Positive Supply
VDD
10.25
10.75
11.25
V
D
Defines PSRR conditions
Negative Supply
VSS
−5.25
−5.00
−4.75
V
D
Defines PSRR conditions
Logic Supply
VCC
3.1
3.3
3.5
V
D
Defines PSRR conditions
Comparator Termination
VCOMP_VTT
3.3
5.0
V
D
VPLUS Supply Current
IPLUS
−1.0
+1.3
+3.0
mA
P
HVOUT disabled
4.0
12.7
16.0
mA
P
HVOUT enabled, RCV active, no load, VHH = 12 V
Logic Supply Current
ICC
1.0
2.7
4.0
mA
P
Quiescent (SPI is static)
Comparator Termination Current
ICOMP_VTT
10.0
17
26.0
mA
P
Positive Supply Current
IDD
72
90.5
97
mA
P
Load power down (IOH = IOL = 0 mA)
Negative Supply Current
ISS
100
116
126
mA
P
Load power down (IOH = IOL = 0 mA)
Total Power Dissipation
1.0
1.6
1.82
W
P
Load power down (IOH = IOL = 0 mA)
Positive Supply Current
IDD
102
120
152
mA
P
Load active off (IOH = IOL = 12 mA)
Negative Supply Current
ISS
130
146
181
mA
P
Load active off (IOH = IOL = 12 mA)
Total Power Dissipation
1.8
2.2
2.5
W
P
Load active off (IOH = IOL = 12 mA)
TEMPERATURE MONITORS
Temperature Sensor Gain
10
mV/K
CT
Temperature Sensor Accuracy Without
Calibration over 25°C to 100°C
6
°C
CT
Temperature voltage available on Pin A1 at all
times and on Pin K1 (MEASOUT01/TEMPSENSE)
when selected (see
Table 24 and Table 36)
VREF INPUT
Reference Input Voltage Range for
DACs (VREF Pin)
4.95
5
5.05
V
D
Referenced to VREF_GND; not referenced to VDUTGND
Input Bias Current
0.1
100
μA
P
Tested with 5 V applied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com