Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 14Page - Analog Devices ADATE304BBCZ Datasheet HTML 15Page - Analog Devices ADATE304BBCZ Datasheet HTML 16Page - Analog Devices ADATE304BBCZ Datasheet HTML 17Page - Analog Devices ADATE304BBCZ Datasheet HTML 18Page - Analog Devices ADATE304BBCZ Datasheet HTML 19Page - Analog Devices ADATE304BBCZ Datasheet HTML 20Page - Analog Devices ADATE304BBCZ Datasheet HTML 21Page - Analog Devices ADATE304BBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
ADATE304
Rev. 0 | Page 18 of 52
OVERVOLTAGE DETECTOR (OVD)
Table 12.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
DC CHARACTERISTICS
Programmable Voltage Range
−2.25
+7.0
V
D
Accuracy Uncalibrated
−200
+200
mV
P
OVD offset errors measured at programmed levels of +7.0 V
and −2.25 V
Hysteresis
112
mV
CB
LOGIC OUTPUT CHARACTERISTICS
Off State Leakage
10
1000
nA
P
Disable OVD alarm, apply 3.3 V to OVD pin, measure
leakage current
Maximum On Voltage @ 100 μA
0.2
0.7
V
P
Activate alarm, force 100 μA into OVD pin, measure active
alarm voltage
Propagation Delay
1.9
μs
CB
For OVD high: DUTx = 0 V to +6 V swing, OVD high = +3.0 V,
OVD low = −2.25 V; for OVD low: DUTx = 0 V to +6 V swing,
OVD high = +7.0 V, OVD low = +3.0 V
16-BIT DAC MONITOR MUX
Table 13.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
DC CHARACTERISTICS
Programmable Voltage Range
−2.5
+7.5
V
D
Output Resistance
16
kΩ
CT
PMUDAC = 0.0 V, FV, I = 0, 200 μA; ∆V/∆I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com