Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 44 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 44 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 40Page - Analog Devices ADATE304BBCZ Datasheet HTML 41Page - Analog Devices ADATE304BBCZ Datasheet HTML 42Page - Analog Devices ADATE304BBCZ Datasheet HTML 43Page - Analog Devices ADATE304BBCZ Datasheet HTML 44Page - Analog Devices ADATE304BBCZ Datasheet HTML 45Page - Analog Devices ADATE304BBCZ Datasheet HTML 46Page - Analog Devices ADATE304BBCZ Datasheet HTML 47Page - Analog Devices ADATE304BBCZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
ADATE304
Rev. 0 | Page 44 of 52
Table 36. Temperature Sensor
Temperature
Output
0 K
0 V
300 K
3 V
x K
(x K) × 10 mV/K
Table 37. Power Supply Ranges
Parameter
Range 1
Range 2
Nominal VDD
+10.75 V
+10.0 V
Nominal VSS
−5.00 V
−5.75 V
Driver
VH range
−1.15 V to +6.75 V
−1.9 V to +6.0 V
VL range
−1.25 V to +6.65 V
−2.0 V to +5.9 V
VT range
−1.25 V to +6.75 V
−2.0 V to +6.0 V
Functional Amplitude
8.0 V
8.0 V
Reflection Clamp
VCH Range
−1.0 V to +6.75 V
−1.0 V to +6.0 V
VCL Range
−1.25 V to +5.75 V
−2.0 V to +5.0 V
Comparator Input Voltage Range
−1.25 V to +6.75 V
−2.0 V to +6.0 V
Active Load VCOM Range
−1.00 V to +6.50 V
−1.75 V to +5.75 V
PMU
Force Voltage Range
−1.25 V to +6.75 V
−2.0 V to +6.0 V
Measure Voltage Range
−1.25 V to +6.75 V
−2.0 V to +6.0 V
Force Current Voltage Range
−1.25 V to +6.75 V
−2.0 V to +6.0 V
Measure Current Voltage Range
−1.25 V to +6.75 V
−2.0 V to +6.0 V
Low Clamp Range
−1.25 V to +4.75 V
−2.0 V to +4.0 V
High Clamp Range
0.75 V to 6.75 V
0.0 V to 6.0 V
OVD
−2.25 V to +7.0 V
−3.0 V to +7.0 V
Table 38. Default Test Conditions (Range 1)
Name
Default Test Condition
VH DAC Level
+2.0 V
VL DAC Level
+0.0 V
VT/VCOM DAC Level
+1.0 V
VOL DAC Level
−1.0 V
VOH DAC Level
+6.0 V
VCH DAC Level
+7.5 V
VCL DAC Level
−2.5 V
IOH DAC Level
0.0 A
IOL DAC Level
0.0 A
OVD Low DAC Level
−2.5 V
OVD High DAC Level
+6.5 V
PMUDAC DAC Level
0.0 V
PE/PMU Enable
0x0000: PMU disabled, VT not forced through driver, PE enabled
Channel State
0x0000: HV mode disabled, load disabled, VTERM inactive
PMU State
0x0000:
input of DUTGND, internal sense, clamps disabled, FVMV, Range E
PMU Measure Enable
0x0000: MEASOUT01 pin tristated
Differential Comparator Enable
0x0000:
normal window comparator mode
16-Bit DAC Monitor
0x0000: DAC16_MON tristated
OVD_CHx Alarm Mask
0x0000: disable alarm functions
Data Input
Logic low
Receive Input
Logic low
DUTx Pin
Unterminated
Comparator Output
Unterminated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com