Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304BBCZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADATE304BBCZ
Description  200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304BBCZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADATE304BBCZ Datasheet HTML 23Page - Analog Devices ADATE304BBCZ Datasheet HTML 24Page - Analog Devices ADATE304BBCZ Datasheet HTML 25Page - Analog Devices ADATE304BBCZ Datasheet HTML 26Page - Analog Devices ADATE304BBCZ Datasheet HTML 27Page - Analog Devices ADATE304BBCZ Datasheet HTML 28Page - Analog Devices ADATE304BBCZ Datasheet HTML 29Page - Analog Devices ADATE304BBCZ Datasheet HTML 30Page - Analog Devices ADATE304BBCZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
ADATE304
Rev. 0 | Page 27 of 52
3
1
2
0
–1
–2
–3
–4
–5
–6
–7
5
678
9
10
11
12
13
14
VL PROGRAMMED VOLTAGE (V)
Figure 27. HVOUT VHH Linearity Error
70
80
60
50
40
30
20
10
0
–10
–1
01
2
3
45
6
VHVOUT (V)
Figure 28. HVOUT VH Current Limit; VH = −0.1 V;
VHVOUT Swept from −0.1 V to +6.0 V
80
60
40
20
0
–20
–40
–60
–80
5
6
7
8
9
10
11
121314
15
VHVOUT (V)
Figure 29. HVOUT VHH Current Limit; VHH = 10.0 V;
VHVOUT Swept from −5.9 V to +14.1 V
1.0
0.8
0.6
0.4
0.2
0
0
0.6
1.2
1.8
2.4
3.0
TIME (ns)
RISE INPUT
FALL INPUT
RISE SHMOO
FALL SHMOO
Figure 30. Comparator Shmoo, 1.0 V Input, 0.7 ns (10% to 90%) Input,
50 Ω Terminated
1.0
0.8
0.6
0.4
0.2
0
0
0.6
1.2
1.8
2.4
3.0
TIME (ns)
RISE INPUT
FALL INPUT
RISE SHMOO
FALL SHMOO
Figure 31. Comparator Shmoo, 1.5 V Input, 1.0 ns (10% to 90%) Input,
50 Ω Terminated
1.6
1.2
0.8
0.4
0
0
0.6
1.2
1.8
2.4
3.0
TIME (ns)
RISE INPUT
FALL INPUT
RISE SHMOO
FALL SHMOO
Figure 32. Comparator Shmoo, 1.5 V Input, 1.0 ns (10% to 90%) Input,
50 Ω Terminated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com