Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5588ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5588ACPZ-R7
Description  Keypad I/O Expander
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5588ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5588ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADP5588
Rev. A | Page 7 of 28
THEORY OF OPERATION
CONTROL
REGISTERS
CONTROL
INTERFACE
REF
VOLTAGE
C9
C9
C8
C8
C9
C8
A0
A1
A2
A3
A4
A5
A6
A7
B0
B1
B2
B3
B4
B5
B6
B7
C0
C1
C2
C3
C4
C5
C6
C7
D0
D1
D2
D3
D4
D5
D6
D7
E0
E1
E2
E3
E4
E5
E6
E7
F0
F1
F2
F3
F4
F5
F6
F7
G0
G1
G2
G3
G4
G5
G6
G7
H0
H1
H2
H3
H4
H5
H6
H7
I0
I1
I2
I3
I4
I5
I6
I7
J0
J1
J2
J3
J4
J5
J6
J7
SCL
SDA
RST
INT
VCC
GND
VCC
SCL
SDA
19
VCC
21
23
22
18
17
20
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
REF
VOLTAGE
0.1µF
0.1µF
ADP5588
RST
INT
Figure 4. Typical Operating Circuit
The ADP5588 is a GPIO expander that can be configured either
as an 18-I/O port expander or as a 10 column × 8 row keypad
matrix (80 keys maximum). It is ideal for cellular phone designs
and other portable devices that require a large extended keypad
and/or expanded I/Os (see the Applications Information section
for various configurations). When smaller size keypads are
required, unused GPIOs in the keypad matrix can be used as
I/Os (GPOs and GPIs). Two of the columns (C8 and C9) can
also be configured as comparator inputs for single or dual light
sensors. All GPIOs (rows and columns) default as GPIs at power-
up with pull-ups and debounce enabled.
Table 10. Key Event Number Assignment Table
Row
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9
R0
1
2
4
4
5
6
7
8
9
10
R1
11
12
13
14
15
16
17
18
19
20
R2
21
22
23
24
25
26
27
28
29
30
R3
31
32
33
34
35
36
37
38
39
40
R4
41
42
43
44
45
46
47
48
49
50
R5
51
52
53
54
55
56
57
58
59
60
R6
61
62
63
64
65
66
67
68
69
70
R7
71
72
73
74
75
76
77
78
79
80
When one key press or multiple key presses (short between
coumn and row) occur, the internal state machine checks the
row pins to determine which one is driven low and then triggers
an interrupt. The state machine then starts a key scan cycle to
determine which keys are pressed. After a key has been pressed
for 25 ms, the state machine sets the appropriate key(s) in the
key event status register with the key-pressed bits set (the MSB
in the key event register) in the order detected. If the KE_IEN
field in Register 0x01 is set, the state machine then sets the
KE_INT field in Register 0x01 and generates an interrupt to the
host processor.
KEYPAD OPERATION
Any number of rows and columns, up to 10 columns × 8 rows,
can be configured to be part of the keypad matrix. The rows
and columns that make up the keypad matrix must be con-
figured by setting the corresponding bits in Register 0x1D
through Register 0x1F. Keys on the keypad matrix appear on
the key event table with a decimal value of 1 (0x01 hexidecimal
or 0000001 binary) and run through 80 decimals (0x50 hexi-
decimal or 1010000 binary). See Table 10 for key event number
assignments. The keypad, in idle mode, is configured with
columns being driven low and rows as inputs high with pull-
ups.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com