Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5588ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5588ACPZ-R7
Description  Keypad I/O Expander
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5588ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5588ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADP5588
Rev. A | Page 13 of 28
Comparator Interrupt
The ADP5588 allows the user to trigger an interrupt based on
the light sensor comparator inputs. Changes in lighting condition
that cause the settings of L2 and L3 to jump from one mode to
another (dark, office, outdoor) set the comparator interrupt bits
in Register 0x02. If the comparator interrupt enable bits are set,
the interrupt pin is asserted every time the comparator
interrupt bits are set. The comparator interrupt flag can be
cleared only by writing a 1 to it.
Table 16. Device Configuration
Keypad
GPIO
Photosensor Inputs
Matrix
Active Pins
Number of Keys
Available GPIO
Number of GPIOs
Photosensor
Input Pin(s)
Number of
Photosensor Inputs
10 × 8
C0 to C9, R0 to R7
80
0
0
None
0
8 × 8
C0 to C7, R0 to R7
64
0
0
C8, C9
2
C8
1
C9
1
C9
1
C8
1
8 × 7
C0 to C7, R0 to R6
56
R7
1
C8, C9
2
C8, R7
2
C9
1
R7, C8, C9
3
None
0
8 × 6
C0 to C7, R0 to R5
48
R6, R7
2
C8, C9
2
R6, R7, C8
3
C9
1
R6, R7, C8, C9
4
None
0
8 × 5
C0 to C7, R0 to R4
40
R5, R7
3
C8, C9
2
R5 to R7, C8
4
C9
1
R5 to R7, C8 to C9
5
None
0
7 × 7
C0 to C6, R0 to R6
49
R7, C7
2
C8, C9
2
R7, C7 to C8
3
C9
1
R7, C7 to C9
4
None
0
7 × 6
C0 to C6, R0 to R5
42
R6 to R7, C7
3
C8, C9
2
R6 to R7, C7 to C8
4
C9
1
R6 to R7, C7 to C9
5
None
0
7 × 5
C0 to C6, R0 to R4
35
R5 to R7, C7
4
C8, C9
2
R5 to R7, C7 to C8
5
C9
1
R5 to R7, C7 to C9
6
None
0
6 × 6
C0 to C5, R0 to R5
36
R6 to R7, C6 to C7
4
C8, C9
2
R6 to R7, C6 to C8
5
C9
1
R6 to R7, C6 to C9
6
None
0
6 × 5
C0 to C5, R0 to R4
30
R5 to R7, C6 to C7
5
C8, C9
2
R5 to R7, C6 to C8
6
C9
1
R5 to R7, C6 to C9
7
None
0
6 × 4
C0 to C5, R0 to R3
24
R4 to R7, C6 to C7
6
C8, C9
2
R4 to R7, C6 to C8
7
C9
1
R4 to R7, C6 to C9
8
None
0
…
…
…
…
…
…
…
0 × 0
None
0
R0 to R7, C0 to C9
18
None
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com