Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5588ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5588ACPZ-R7
Description  Keypad I/O Expander
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5588ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5588ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADP5588
Rev. A | Page 23 of 28
Table 44. CMP2_LVL2_TRIP—Register 0x37 (L2 Light Sensor Reference Level (Output Falling for Sensor 2)
Field
Bit
Description
L2_T7 to L2_T0
[7:0]
Sensor 2 comparator Level 2 (Office) reference. If the comparator input is below this trip point, the
comparator trips and enters Level 2 (office) mode and L2_OUT is set. The programmable range is from 0 μA to
1000 μA (0 lux to 2550 lux) in steps of 4 μA.
Table 45. CMP2_LVL2_HYS—Register 0x38 (L2 Light Sensor Hysteresis (Active When Output Rising) for Sensor 2)
Field
Bit
Description
L2_H7 to L2_H0
[7:0]
Sensor 2 comparator Level 2 (Office) hysteresis. If the comparator input is above L2_TRP + L2_HYS, the
comparator trips and enters Level 1 (outdoor) mode and L2_OUT is cleared. The programmable range is from
0 μA to 1000 μA (0 lux to 2550 lux) in steps of 4 μA.
Table 46. CMP2_LVL3_TRIP—Register 0x39 (L3 Light Sensor Reference Level (Output Falling for Sensor 2)
Field
Bit
Description
L3_T7 to L3_T0
[7:0]
Sensor 2 Comparator Level 3 (Dark) Reference. If the comparator input is below L3_TRP, the comparator trips
and enters Level 3 (dark) mode and L3_OUT is set. The programmable range is from 0 μA to 127.5 μA (0 lux to
318.75 lux) in steps of 0.5 μA.
Table 47. CMP2_LVL3_HYS—Register 0x3A (L3 Light Sensor Hysteresis (Active When Output Rising) for Sensor 2)
Field
Bit
Description
L3_H
[7:0]
Sensor 2 comparator Level 3 (Dark) hysteresis. If the comparator input is above L3_TRP + L3_HYS, the
comparator trips and enters Level 2 (office) mode and L3_OUT is cleared. The programmable range is from
0 μA to 127.5 μA (0 lux to 318.75 lux) in steps of -.5 μA.
Table 48. CMP1_ADC_DAT_R1—Register 0x3B (Comparator 1 ADC Data Register 1)
Register Name
Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CMP1_ADC_DAT
Comparator ADC data register,
Bits[7:0]
NA
NA
NA
ADC12
ADC11
ADC10
ADC9
ADC8
Table 49. CMP1_ADC_DAT_R2—Register 0x3C (Comparator 1 ADC Data Register 2)1
Register Name
Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CMP1_ADC_DAT
Comparator ADC data register,
Bits[7:0]
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
1 Read-only register; contains the most current 13-bit ADC data of the comparator for Sensor 1.
Table 50. CMP2_ADC_DAT_R1—Register 0x3D (Comparator 2 ADC Data Register 1)
Register Name
Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CMP1_ADC_DAT
Comparator ADC Data Register
[7:0]
N/A
N/A
ADC12
ADC11
ADC10
ADC9
ADC8
Table 51. CMP2_ADC_DAT_R2—Register 0x3E (Comparator 2 ADC Data Register 2)1
Register Name
Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CMP1_ADC_DAT
Comparator ADC data register,
Bits[7:0]
ADC7
ADC6
ADC5
ADC
ADC3
ADC2
ADC1
ADC0
1 Read-only register; contains the most current 13-bit ADC data of the comparator for Sensor 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com