Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5588ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5588ACPZ-R7
Description  Keypad I/O Expander
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5588ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5588ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADP5588
Rev. A | Page 18 of 28
Register Name
Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
KEY_EVENTI
(Register 0x0C)
Key Event Register B status (KE[6:0] = Key number),
KP[7] = 0: released, 1: pressed (cleared on read)
KI7
KI6
KI5
KI4
KI3
KI2
KI1
KI0
KEY_EVENTJ
(Register 0x0D)
Key Event Register B status (KE[6:0] = Key number),
KP[7] = 0: released, 1: pressed (cleared on read)
KJ7
KJ6
KJ5
KJ4
KJ3
KJ2
KJ1
KJ0
1 Data in key events is provided as a FIFO, where data is sequentially provided on each read, regardless of an event register read. The user can read register Event A only
for an event count or can read registers sequentially.
2 KE[6:0] reflects the value 1 to 80 for key press events and the value 97 to 114 for GPI events. For KE[7:0], 0 = key released event, 1 = key pressed event. For GPIEM_CFG,
0 reflects a change in the GPI from GPI_INT_LVL = true to GPI_INT_LVL = false; 1 reflects a change in the GPI in which the GPI_INT_LVL condition becomes true.
Table 23. KP_LCK_TMR—Register 0x0E (Keypad Unlock 1 to Keypad Unlock 2 Timer)
Register Name
Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
KP_LCK_TMR
(Register 0x0E)
Keypad UnLock 1 to Keypad UnLock 2 timer[2:0]
(0: disabled, 1 sec to 7 sec)
Keypad Lock Interrupt Mask Timer[7:3]
(0: disabled, 0 sec to 31 sec)1, 2
KIMT7
KIMT6
KIMT5
KIMT4
KIMT3
KLLT2
KLLT1
KLLT0
1 When the keypad lock interrupt mask timer is enabled, the user must press two specific keys before a keylock interrupt is generated or keypad events are recorded.
After the keypad is locked, the first time that the user presses any key, a key event interrupt is generated. No additional interrupt is generated unless both unlock key
sequences are correct; then a keylock interrupt is generated. When the interrupt mask timer is disabled (0), an interrupt is generated only when the correct full unlock
sequence is completed.
2 The Unlock 1 and Unlock 2 timer keys can be either a key sequence or GPIEM_CFG sequence. The unlock timer keys can be programmed with any value of the keys in
the keypad matrix or any GPI values that are part of the key event table. The keylock enable bit (Bit 6, Register 0x03) must be set to lock the keypad.
Table 24. UNLOCK1—Register 0x0F (Unlock Key 1)
Register Name
Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
UNLOCK1
(Register 0x0F)
Unlock Key 1[6:0] (contains key number
for Unlock Key 1; 0: disabled)
N/A
ULK6
ULK5
ULK4
ULK3
ULK2
ULK1
ULK0
Table 25. UNLOCK2—Register 0x10 (Unlock Key 2)
Register Name
Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
UNLOCK2
(Register 0x10)
Unlock Key 2[6:0] (contains key number
for Unlock Key 2; 0: disabled)
N/A
ULK6
ULK5
ULK4
ULK3
ULK2
ULK1
ULK0
Table 26. GPIO_INT_STATx—Register 0x11 to Register 0x13 (GPIO Interrupt Status)
Register Name
Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GPIO_INT_STAT1
(Register 0x11)
GPIO interrupt status (used to check
GPIO interrupt status, cleared on read)
R7IS
R6IS
R5IS
R4IS
R3IS
R2IS
R1IS
R0IS
GPIO_INT_STAT2
(Register 0x12)
GPIO interrupt status (used to check
GPIO interrupt status, cleared on read)
C7IS
C6IS
C5IS
C4IS
C3IS
C2IS
C1IS
C0IS
GPIO_INT_STAT3
(Register 0x13)
GPIO interrupt status (used to check
GPIO interrupt status, cleared on read)
N/A
N/A
N/A
N/A
N/A
N/A
C9IS
C8IS
Table 27. GPIO_DAT_STATx—Register 0x14 to Register 0x16 (GPIO Data Status)
Register Name
Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GPIO_DAT_STAT1
(Register 0x14)
GPIO data status (shows GPIO state
when read for inputs and outputs)
R7DS
R6DS
R5DS
R4DS
R3DS
R2DS
R1DS
R0DS
GPIO_DAT_STAT2
(Register 0x15)
GPIO data status (shows GPIO state
when read for inputs and outputs)
C7DS
C6DS
C5DS
C4DS
C3DS
C2DS
C1DS
C0DS
GPIO_DAT_STAT3
(Register 0x16)
GPIO data status (shows GPIO state
when read for inputs and outputs)
N/A
N/A
N/A
N/A
N/A
N/A
C9DS
C8DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com