Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5588ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP5588ACPZ-R7
Description  Keypad I/O Expander
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5588ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP5588ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADP5588
Rev. A | Page 24 of 28
APPLICATIONS INFORMATION
CONTROL
REGISTERS
HOST
PROCESSOR
CONTROL
INTERFACE
REF
VOLTAGE
C9
C9
C8
C8
C9
C8
ENABLE 2 (GPO)
BACKLIGHT
ENABLE (GPO)
A0
A1
A2
A3
A4
A5
A6
A7
B0
B1
B2
B3
B4
B5
B6
B7
C0
C1
C2
C3
C4
C5
C6
C7
D0
D1
D2
D3
D4
D5
D6
D7
E0
E1
E2
E3
E4
E5
E6
E7
F0
F1
F2
F3
F4
F5
F6
F7
G0
G1
G2
G3
G4
G5
G6
G7
H0
H1
H2
H3
H4
H5
H6
H7
I0
I1
I2
I3
I4
I5
I6
I7
J0
J1
J2
J3
J4
J5
J6
J7
SCL
SDA
VCC
GND
VCC
SCL
GPL1
GPL2
SDA
RST
INT
19
21
23
22
18
17
20
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
REF
VOLTAGE
0.1µF
0.1µF
VCC
VCC
BACKLIGHT
DRIVER
ADP5588
PWM OUTPUT
VCC
RST
INT
Figure 17. ADP5588 Detailed Application Block Diagram
APPLICATIONS OVERVIEW
The ADP5588 is designed to complement host processors in a
variety of ways. Its versatility makes it the ideal solution for
mobile platforms that require extended keypads and GPIO
expanders. The programmable registers give the designer the
flexibility to configure any or all its GPIOs in a variety of ways.
Figure 17 shows a detailed application diagram.
KEYPAD CURRENT
Keypad current drain varies based on how many keys and how
many rows and columns are pressed during multiple key presses.
Table 52 shows typical current drain for a single press and for
two key presses.
Table 52. Typical Current Drain
Key Presses
Conditions1
Typical
Unit
1
VCC = 1.8 V to 3.0 V
55
μA
2
VCC = 1.8 V to 3.0 V
100
μA
1 TA = TJ = −40°C to +85°C.
BACKLIGHT CONTROL APPLICATION
Although the ADP5588 is not designed with a backlight driver,
the built-in light sensor comparator inputs, with programmable
registers and trip points, give the backlight designer all the
necessary tools to control the backlight based on lighting con-
ditions or environment. With a few I2C commands, the designer
can program the device to monitor lighting conditions and
trigger an interrupt based on preset trip points. Once program-
med, the state machine uses these trip points and hysteresis
values to alert the microprocessor of any change in lighting
conditions. In addition to the L2_OUT and L3_OUT bits, four
additional registers (Register 0x3B through Register 0x3E, two
registers per light sensor) provide detailed accounts of the
internal ADC due to light condition changes. The ADC has a
full-scale current of 1000 μA and a dynamic range of 8000,
which translates to 0.125 μA or 0.3125 lux per step. These two
corresponding registers per sensor form a 13-bit register that
can be read to provide detailed translation of the light sensor
input at any instant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com